Electronic Components Datasheet Search
  English  ▼

X  

HSP50214BVC Datasheet(PDF) 13 Page - Intersil Corporation

Part # HSP50214BVC
Description  Programmable Downconverter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50214BVC Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HSP50214BVC Datasheet HTML 9Page - Intersil Corporation HSP50214BVC Datasheet HTML 10Page - Intersil Corporation HSP50214BVC Datasheet HTML 11Page - Intersil Corporation HSP50214BVC Datasheet HTML 12Page - Intersil Corporation HSP50214BVC Datasheet HTML 13Page - Intersil Corporation HSP50214BVC Datasheet HTML 14Page - Intersil Corporation HSP50214BVC Datasheet HTML 15Page - Intersil Corporation HSP50214BVC Datasheet HTML 16Page - Intersil Corporation HSP50214BVC Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
3-13
The integration period counter can be set up to run
continuously or to count down and stop. Continuous integration
counter operation lets the counter run, with sampling occurring
every time the counter reaches zero. Because the processor
samples the detector read port asynchronous to the CLKIN,
data can be missed unless the status bit is monitored by the
processor to ensure that a sample is taken for every integration
count down sequence.
Additionally, in the HSP50214B, the ability to align the
start/restart of the input level detector integration period with
an external event is provided. This allows the sync signals,
which are synchronized to external events, to be used to align
all of the gain adjustments or measurements. If Control Word
27, Bit 17 is set to a logic one, the SYNCIN1 signal will cause
the input level detector to start/restart its integration period. If
Control Word 27, Bit 17 is set to a logic zero, control of the
start/restart of the input level detector integration period does
not respond to SYNCIN1.
In the count down and stop mode, the microprocessor read
commands can be synchronized to system events, such as the
start of a burst for a TDMA application. The integration counter
can be started at any time by writing to Control Word 2. At the
end of the integration period (counter = 0000), the upper 23 bits
of the accumulator are transferred to a holding register for
reading by the microprocessor. Note that it is not the restarting
of the counter (by writing to Control Word 2) that latches the
current value, but the end of the integration count. When the
accumulator results are latched, a bit is set in the Status
Register to notify the processor. Reading the most significant
byte of the 23 bits clears the status bit. See the Microprocessor
Read Section. Figure 11 illustrates a typical AGC detection
process.
FIGURE 9.
INPUT
GATING
LOGIC
|X|
R
+
+
E
G
R
E
G
ACCUMULATOR
CLKIN
CLKIN
INPUT_THRESHOLD
†
INTEGRATION_INTERVAL
†
START
†
INTEGRATION_MODE
†
IN(13:0)
“0”
TO
µPROC
ADDR(2:0)
32
24
8
16
CONTINUOUS
SINGLE
R
E
G
M
U
X
COUNTER
† Controlled via microprocessor interface.
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
2-10
2-11
2-12
2-13
0
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
2-10
2-11
2-12
2-13
-20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
2-10
2-11
2-12
2-13
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
2-10
2-11
2-12
2-13
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
2-10
2-11
2-12
2-13
f
S
-6dB
-12dB
-18dB
-24dB
-30dB
-36dB
-42dB
-48dB
-54dB
-60dB
-66dB
-72dB
-78dB
214
213
212
211
210
29
28
27
26
25
24
23
22
21
217
216
215
218
20
2-1
2-2
2-3
2-4
214
213
212
211
210
29
28
27
26
25
24
23
22
21
217
216
215
218
0
FIGURE 10. INPUT THRESHOLD DETECTOR BIT WEIGHTING
HSP50214B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com