Electronic Components Datasheet Search
  English  ▼

X  

HSP50307SC Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP50307SC
Description  Burst QPSK Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50307SC Datasheet(HTML) 4 Page - Intersil Corporation

  HSP50307SC Datasheet HTML 1Page - Intersil Corporation HSP50307SC Datasheet HTML 2Page - Intersil Corporation HSP50307SC Datasheet HTML 3Page - Intersil Corporation HSP50307SC Datasheet HTML 4Page - Intersil Corporation HSP50307SC Datasheet HTML 5Page - Intersil Corporation HSP50307SC Datasheet HTML 6Page - Intersil Corporation HSP50307SC Datasheet HTML 7Page - Intersil Corporation HSP50307SC Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7-71
Control Interface
The QPSK modulator is configured via a serial three wire
interface. When C_EN is high, 23 bits are shifted in at the
CDATA pin on the falling edge of CCLK. Figure 3 shows the
timing diagram for loading the serial configuration data.
Table 1 describes the 23-bit serial configuration data. See
the Synthesizer Section for more details on the frequency
control bits.
Synthesizer
The
synthesizer
generates
the
quadrature
LO’s
for
modulating the baseband data to RF. The carrier frequency
is phase locked to the reference clock (RCLK). The carrier
frequency, FC, has a frequency range of 8MHz to 15MHz
with a resolution of 32kHz. Equation 1 gives the relationship
between FC and the frequency of RCLK and the frequency
control bits, M and A.
where FREF equals the frequency of RCLK. Also, M and A
can be determined by
“A” ranges from 0 to 5 and “M” ranges from 41 to 103. A and
M are programmed via control bits D0-D2 and D3-D9,
respectively. Values outside these ranges are invalid.
I/Q Generator
The I/Q Generator Section demultiplexes and time aligns the
256 KBPS input data into two data streams, I and Q. The
first data bit following the assertion of the TX_EN signal is
the I data of the first I/Q pair. Each I/Q pair determines the
phase angle of the QPSK transmission signal. The relation-
ship between I/Q pairs and phase angles is shown in
Table 2. Since the QPSK encoding requires a pair of I and Q
information to transmit one symbol, an even number of data
bits must be provided for each burst.
TABLE 1. 23-BIT SERIAL DATA CONTROL INTERFACE
DESCRIPTION
BIT
POSITION
FUNCTION
DESCRIPTION
D0-D2
(Note)
Synthesizer
Control Bits
Pre-scaler control register.
A = (0 to 5), D2 is the MSB.
D3-D9
Synthesizer
Control Bits
Feedback Counter Control Register.
M = (41 to 103) D9 is the MSB.
D10
Synthesizer
Enable
Active high. This bit activates chip bias
networks for normal operation. D10 = 0
places part in low power mode.
D11
Charge Pump
Current
Control
D11 = 0 sets charge pump current to
500
µA.
D11 = 1 sets charge pump current to
1mA.
D12
Three-State
Control
D12 = 0 three-states the charge pump
output when a pump up and down
command
occur
simultaneously.
D12 = 1 disables three-state.
D13-D18
Attenuation
Control
Controls output power level. The bina-
ry value of the register corresponds to
an attenuation amount. For example,
000100 corresponds to 4dB attenua-
tion from the maximum 62dBmV level.
D18 is the MSB.
D19-D21
Reserved
Used for test/diagnostic purposes.
Set to 000.
D22
DSP Shut
Down
Test mode; D22 = 0 sets the burst
QPSK modulator in normal mode.
D22 = 1 disables the digital filter.
NOTE: D0 is the first bit shifted into the part.
TABLE 2. QPSK ENCODING
I
Q
PHASE
00
45o
0
1
135o
1
0
-45o
1
1
-135o
F
C =
6M
1
+
() A
+
64
---------------------------------
F
REF ,
(EQ. 1)
M
A
6
----
+
64
6
------
F
C
F
REF
---------------
1.
–
=
(EQ. 2)
CCLK
C_DATA
C_EN
D22
D2
D1
D0
D19
D20
D21
D3
tCCH
tCDS
tCDH
FIGURE 3. CONTROL INTERFACE TIMING DIAGRAM
HSP50307



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com