Electronic Components Datasheet Search
  English  ▼

X  

HSP50307SC Datasheet(PDF) 6 Page - Intersil Corporation

Part # HSP50307SC
Description  Burst QPSK Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50307SC Datasheet(HTML) 6 Page - Intersil Corporation

  HSP50307SC Datasheet HTML 1Page - Intersil Corporation HSP50307SC Datasheet HTML 2Page - Intersil Corporation HSP50307SC Datasheet HTML 3Page - Intersil Corporation HSP50307SC Datasheet HTML 4Page - Intersil Corporation HSP50307SC Datasheet HTML 5Page - Intersil Corporation HSP50307SC Datasheet HTML 6Page - Intersil Corporation HSP50307SC Datasheet HTML 7Page - Intersil Corporation HSP50307SC Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7-73
TABLE 3. GENERAL FUNCTIONAL SPECIFICATIONS
AVCC, DVCC = +5V, AVDD = +9V; RCLK = 2.048MHz; MCLK = 25.6MHz; TA = 0
oC to 70oC
PARAMETER
MIN
TYP
MAX
UNIT
QPSK Carrier Frequency
8.0
-
15 (Note)
MHz
QPSK Carrier Frequency Step Size
-
32
-
kHz
Modulation Bandwidth
-
192
-
kHz
Raised Cosine Filter Response Excess Bandwidth (
α)
-
0.5
-
-
Transmit Level Adjust
-
40
-
dB
Data Rate
-
256
-
KBPS
Baud Rate
-
128
-
KBPS
NOTE: May operate up to 20MHz.
TABLE 4. QPSK PERFORMANCE SPECIFICATIONS
AVCC, DVCC = +5V, AVDD = +9V; RCLK = 2.048MHz; MCLK = 25.6MHz; TA = 0
oC to 70oC
PARAMETER
MIN
TYP
MAX
UNITS
Output Spurious Signals Less Than 54MHz
-
-40
-35
dBc
Output Spurious Signals Greater Than 54MHz
-
-60
-50
dBc
Off Mode Spurs
-
-
-30
dBmV
Transmit Level (D18-D13 = 000000)
59
62
65
dBmV
Output Gain Adjust Relative Accuracy
-0.5
0.2
0.5
dB
Absolute Output Accuracy at Any Step
-3.0
±2
3.0
dB
QPSK Carrier Phase Noise at 10kHz Offset
-
-
-75
dBc/Hz
QPSK Carrier Phase Noise at 1kHz Offset
-
-
-60
dBc/Hz
QPSK Modulator Carrier Suppression
35
40
-
dBc
QPSK I/Q Amplitude Imbalance
-
-
0.5
dB
QPSK I/Q Phase Imbalance
-
-
2.0
Degree
QPSK Passband Amplitude Ripple
-0.3
-
0.3
dB
HSP50307



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com