Electronic Components Datasheet Search
  English  ▼

X  

HSP9501 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HSP9501
Description  Programmable Data Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP9501 Datasheet(HTML) 7 Page - Intersil Corporation

  HSP9501 Datasheet HTML 1Page - Intersil Corporation HSP9501 Datasheet HTML 2Page - Intersil Corporation HSP9501 Datasheet HTML 3Page - Intersil Corporation HSP9501 Datasheet HTML 4Page - Intersil Corporation HSP9501 Datasheet HTML 5Page - Intersil Corporation HSP9501 Datasheet HTML 6Page - Intersil Corporation HSP9501 Datasheet HTML 7Page - Intersil Corporation HSP9501 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
197
Timing Waveforms
FIGURE 1. FUNCTIONAL TIMING (CLKSEL = LOW)
FIGURE 2. CLEN TIMING (CLKSEL = LOW)
FIGURE 3. OUTPUT RISE AND FALL TIMES
FIGURE 4. LENGTH CONTROL TIMING (CLKSEL = LOW)
tMS
tPWL
tPWH
tDH
tDS
tDIS
tENA
tOUT
1.7
1.3
tMH
CLK
MODSEL
OE
DI 0 -9
DO 0 -9
tOH
tCP
CLK
INTERNAL
CLOCK
CLKEN
tES
TEH
tES
tRF
tRF
2.0V
0.8V
2.0V
0.8V
CLK
LCEN
tLES
tLS
tLEH
tLH
LC0 -10
HSP9501



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com