Electronic Components Datasheet Search
  English  ▼

X  

HSP9501 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HSP9501
Description  Programmable Data Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP9501 Datasheet(HTML) 3 Page - Intersil Corporation

  HSP9501 Datasheet HTML 1Page - Intersil Corporation HSP9501 Datasheet HTML 2Page - Intersil Corporation HSP9501 Datasheet HTML 3Page - Intersil Corporation HSP9501 Datasheet HTML 4Page - Intersil Corporation HSP9501 Datasheet HTML 5Page - Intersil Corporation HSP9501 Datasheet HTML 6Page - Intersil Corporation HSP9501 Datasheet HTML 7Page - Intersil Corporation HSP9501 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
193
Pin Descriptions
NAME
PIN NUMBER
TYPE
DESCRIPTION
VCC
12, 34
The +5V power supply pin. A 0.1
µF capacitor between the VCC and GND pin is
recommended.
GND
13, 33
The device ground.
CLK
1
I
Input Clock. This clock signal is used to control the data movement through the programmable buff-
er. It is also the signal which latches the input data, length control word and mode select. Input
setup and hold times with respect to the clock must be met for proper operation.
DIO-9
27, 29-32, 35-39
I
Data Inputs. This 10-bit input port is used to provide the input data. When MODSEL is low, data
on the DI0-9 inputs is latched on the clock edge selected by CLKSEL.
DO0-9
7-11, 14-18
O
Data Outputs. This 10-bit port provides the output data from the Internal Delay Registers. Data
latched into the DI0-9 inputs will appear at the DO0 9 outputs on the Nth clock cycle, where N is
the total delay programmed.
LC0-10
20-26, 41-44
I
Length Control Inputs. These inputs are used to specify the number of clock cycles of delay be-
tween the DI0-9 inputs and the DO0-9 outputs. An integer value between 0 and 1279 is placed on
the LC0-10 inputs, and the total delay length (N) programmed is the LC0-10 value plus 2. In order
to properly load an active length control word, the value must be presented to the LC0-10 inputs
and LCEN must be asserted during an active clock edge selected by CLKSEL.
LCEN
6
I
Length Control Enable. LCEN is used in conjunction with LC0-10 and CLK to load a new length
control word. An 11-bit value is loaded on the LC0-10 inputs, LCEN is asserted, and the next se-
lected clock edge will load the new count value. Since this operation is synchronous, LCEN must
meet the specified setup/hold times with respect to CLK for proper operation.
OE
19
I
Output Enable. This input controls the state of the DO0-9 output port. A low on this control line en-
ables the port for output. When OE is high, the output drivers are in the high impedance state. In-
ternal latching or transfer of data is not affected by this input.
MODSEL
40
I
Mode Select. This input is used to control the mode of operation of the HSP9501. A low on MOD-
SEL causes the device to latch new data at the DI0-9 inputs on every clock cycle, and operate as
a programmable pipeline register. When MODSEL is high, the HSP9501 is in the recirculate mode,
and will operate as a programmable length circular buffer. This control signal may be used in a syn-
chronous fashion during device operation, however, care must be taken to ensure the required set-
up/hold times with respect to CLK are met.
CLKSEL
5
I
Clock Select Control. This input is used to determine which edge of the CLK signal is used for con-
trolling all internal events. A low on CLKSEL selects the negative going edge, therefore, all setup,
hold, and output delay times are with respect to the negative edge of CLK. When CLKSEL is high,
the positive going edge is selected and all synchronous timing is with respect to the positive edge
of the CLK signal.
CLKEN
2
I
Clock Enable. This control signal can be used to enable or disable the CLK input. When low, the
CLK input is enabled and will operate in a normal fashion. A high on CLKEN will disable the CLK
input and will “hold'' all internal operations and data. This control signal may also be used in a syn-
chronous fashion, however, setup and hold requirements with respect to CLK must be met for prop-
er device operation. This signal takes effect on the clock following the one that latches it in.
HSP9501



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com