Electronic Components Datasheet Search
  English  ▼

X  

4B10 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # 4B10
Description  Solid shaft 11 mm with EURO flange
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

4B10 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  4B10 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG 4B10 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG 4B10 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG 4B10 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Incremental encoders
www.baumer.com/motion
2
ITD 4 B10
Part number
ITD 4 B10
S
11
IP65
Protection
IP65 IP 65
Flange / Solid shaft
11 EURO flange B10 / ø11 mm
Operating temperature
S -20...+70 °C
Connection
KR1 Cable 1 m, radial
KA1 Cable 1 m, axial
Output signals
BI A, A inv, B, B inv
NI A, A inv, B, B inv, 0, 0 inv
Voltage supply / signals
T 5 VDC / TTL level, linedriver
H 8...30 VDC / HTL level, push pull
R 8...30 VDC / TTL level, linedriver
Pulse number - see table
Solid shaft ø11 mm with EURO flange
5…100 pulses per revolution
Pulse number
5
16
60
100
8
32
64



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com