Electronic Components Datasheet Search
  English  ▼

X  

4B10 Datasheet(PDF) 4 Page - Baumer IVO GmbH & Co. KG

Part # 4B10
Description  Solid shaft 11 mm with EURO flange
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

4B10 Datasheet(HTML) 4 Page - Baumer IVO GmbH & Co. KG

  4B10 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG 4B10 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG 4B10 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG 4B10 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Incremental encoders
www.baumer.com/motion
4
cable, radial, ... m
KR...
option:
cable, axial, ... m
KA...
plate spring
DIN 6888 - 4x6.5
A
15
30
32.5
50
3
8
ø100
ø114-0.1
approx. 18
ø6.6
A
0.05
A
A
0.02
ø0.05
025- 7
Dimensions
ITD 4 B10
Solid shaft ø11 mm with EURO flange
5…100 pulses per revolution



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com