Electronic Components Datasheet Search
  English  ▼

X  

76121P Datasheet(PDF) 1 Page - Intersil Corporation

Part # 76121P
Description  47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

76121P Datasheet(HTML) 1 Page - Intersil Corporation

  76121P Datasheet HTML 1Page - Intersil Corporation 76121P Datasheet HTML 2Page - Intersil Corporation 76121P Datasheet HTML 3Page - Intersil Corporation 76121P Datasheet HTML 4Page - Intersil Corporation 76121P Datasheet HTML 5Page - Intersil Corporation 76121P Datasheet HTML 6Page - Intersil Corporation 76121P Datasheet HTML 7Page - Intersil Corporation 76121P Datasheet HTML 8Page - Intersil Corporation 76121P Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
94
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
UltraFET™ is a trademark of Intersil Corporation. PSPICE® is a registered trademark of MicroSim Corporation.
SABER© is a Copyright of Analogy Inc. http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HUF76121P3, HUF76121S3S
47A, 30V, 0.021 Ohm, N-Channel, Logic
Level UltraFET Power MOSFETs
These N-Channel power MOSFETs
are manufactured using the
innovative UltraFET™ process.
This advanced process technology
achieves the lowest possible on-resistance per silicon area,
resulting in outstanding performance. This device is capable
of withstanding high energy in the avalanche mode and the
diode exhibits very low reverse recovery time and stored
charge. It was designed for use in applications where power
efficiency is important, such as switching regulators,
switching converters, motor drivers, relay drivers, low-
voltage bus switches, and power management in portable
and battery-operated products.
Formerly developmental type TA76121.
Features
• Logic Level Gate Drive
• 47A, 30V
• Ultra Low On-Resistance, rDS(ON) = 0.021Ω
• Temperature Compensating PSPICE® Model
• Temperature Compensating SABER© Model
• Thermal Impedance SPICE Model
• Thermal Impedance SABER Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-220AB
JEDEC TO-263AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
HUF76121P3
TO-220AB
76121P
HUF76121S3S
TO-263AB
76121S
NOTE: When ordering, use the entire part number. Add the suffix T to
obtain the TO-263AB variant in tape and reel, e.g., HUF76121S3ST.
D
G
S
DRAIN
SOURCE
GATE
DRAIN
(FLANGE)
GATE
SOURCE
DRAIN
(FLANGE)
Data Sheet
September 1999
File Number
4392.8


Similar Part No. - 76121P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
76121P FAIRCHILD-76121P Datasheet
287Kb / 11P
47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - 76121P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76121P3 FAIRCHILD-HUF76121P3 Datasheet
287Kb / 11P
47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
October 1999
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
September 1999
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
September 1999
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
September 1999
HUF76143P3 INTERSIL-HUF76143P3 Datasheet
109Kb / 10P
75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
September 1999
logo
Suntac Electronic Corp.
S76121P SUNTAC-S76121P Datasheet
979Kb / 7P
47A, 30V, 0.021 OHM, N-CHANNEL, LOGIC LEVEL ULTRAFET POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com