Electronic Components Datasheet Search
  English  ▼

X  

76121P Datasheet(PDF) 3 Page - Intersil Corporation

Part # 76121P
Description  47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

76121P Datasheet(HTML) 3 Page - Intersil Corporation

  76121P Datasheet HTML 1Page - Intersil Corporation 76121P Datasheet HTML 2Page - Intersil Corporation 76121P Datasheet HTML 3Page - Intersil Corporation 76121P Datasheet HTML 4Page - Intersil Corporation 76121P Datasheet HTML 5Page - Intersil Corporation 76121P Datasheet HTML 6Page - Intersil Corporation 76121P Datasheet HTML 7Page - Intersil Corporation 76121P Datasheet HTML 8Page - Intersil Corporation 76121P Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
96
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 15V, ID ≅ 47A, RL = 0.32Ω,
VGS = 10V, RGS = 12.5Ω
(Figures 16, 21, 22)
-
-
80
ns
Turn-On Delay Time
td(ON)
-6-
ns
Rise Time
tr
-47-
ns
Turn-Off Delay Time
td(OFF)
-47-
ns
Fall Time
tf
-42-
ns
Turn-Off Time
tOFF
-
-
135
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V VDD = 15V, ID ≅ 25A,
RL = 0.6Ω
Ig(REF) = 1.0mA
(Figures 14, 19, 20)
-24
30
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
13
16
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
1.0
1.2
nC
Gate to Source Gate Charge
Qgs
-
2.50
-
nC
Gate to Drain “Miller” Charge
Qgd
-
7.80
-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
(Figure 13)
-
850
-
pF
Output Capacitance
COSS
-
465
-
pF
Reverse Transfer Capacitance
CRSS
-
100
-
pF
Electrical Specifications
TA = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 25A
-
-
1.25
V
Reverse Recovery Time
trr
ISD = 25A, dISD/dt = 100A/µs-
-
65
ns
Reverse Recovered Charge
QRR
ISD = 25A, dISD/dt = 100A/µs
-
-
100
nC
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
10
20
30
40
50
25
TC, CASE TEMPERATURE (
oC)
VGS = 10V
VGS = 4.5V
50
75
100
125
150
HUF76121P3, HUF76121S3S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com