Electronic Components Datasheet Search
  English  ▼

X  

PS9402 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS9402
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9402 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS9402 Datasheet HTML 1Page - Renesas Technology Corp PS9402 Datasheet HTML 2Page - Renesas Technology Corp PS9402 Datasheet HTML 3Page - Renesas Technology Corp PS9402 Datasheet HTML 4Page - Renesas Technology Corp PS9402 Datasheet HTML 5Page - Renesas Technology Corp PS9402 Datasheet HTML 6Page - Renesas Technology Corp PS9402 Datasheet HTML 7Page - Renesas Technology Corp PS9402 Datasheet HTML 8Page - Renesas Technology Corp PS9402 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
R08DS0014EJ0100 Rev.1.00
Page 1 of 22
Jun 22, 2012
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary Data Sheet
PS9402
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
DESCRIPTION
The PS9402 is an optically coupled isolator containing a GaAlAs LED on the input side and a photo diode, a signal
processing circuit and a power output transistor on the output side on one chip.
The PS9402 is designed specifically for high common mode transient immunity (CMR), high output current and high
switching speed.
The PS9402 includes desaturation detection and active miller clamping functions.
The PS9402 is suitable for driving IGBTs and Power MOS FETs.
The PS9402 is in a 16-pin plastic SSOP (Shrink Small Outline Package). And the PS9402 is able to high-density
(surface) mounting.
FEATURES
• Long creepage distance (8 mm MIN.)
• Large peak output current (2.5 A MAX., 2.0 A MIN.)
• High speed switching (t
PLH, tPHL = 200 ns MAX.)
• UVLO (Under Voltage Lock Out) protection with hysteresis
• Desaturation detection
• Miller clamping
• High common mode transient immunity (|CM
H|, |CML| = 25 kV/μs MIN.)
• Embossed tape product: PS9402-E3: 850 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40024069 (Option)
APPLICATIONS
• IGBT, Power MOS FET Gate Driver
• Industrial inverter
• Uninterruptible Power Supply (UPS)
R08DS0014EJ0100
Rev.1.00
Jun 22, 2012
VS
VCC1
Fault
VS
Cathode
Anode
Anode
Cathode
VE
VLED
Desat
VCC2
VEE
VO
Vclamp
VEE
PIN CONNECTION
(Top View)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
<R>


Similar Part No. - PS9402

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9402 RENESAS-PS9402 Datasheet
342Kb / 17P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9402 CEL-PS9402 Datasheet
4Mb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PS9402-AX CEL-PS9402-AX Datasheet
4Mb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9402-E3 RENESAS-PS9402-E3 Datasheet
342Kb / 17P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9402-E3 CEL-PS9402-E3 Datasheet
4Mb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
More results

Similar Description - PS9402

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9402 RENESAS-PS9402 Datasheet
342Kb / 17P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9402 CEL-PS9402 Datasheet
4Mb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9905 RENESAS-PS9905_15 Datasheet
322Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com