Electronic Components Datasheet Search
  English  ▼

X  

PS9402 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PS9402
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9402 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PS9402 Datasheet HTML 9Page - Renesas Technology Corp PS9402 Datasheet HTML 10Page - Renesas Technology Corp PS9402 Datasheet HTML 11Page - Renesas Technology Corp PS9402 Datasheet HTML 12Page - Renesas Technology Corp PS9402 Datasheet HTML 13Page - Renesas Technology Corp PS9402 Datasheet HTML 14Page - Renesas Technology Corp PS9402 Datasheet HTML 15Page - Renesas Technology Corp PS9402 Datasheet HTML 16Page - Renesas Technology Corp PS9402 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PS9402
Chapter Title
R08DS0014EJ0100 Rev.1.00
Page 13 of 22
Jun 22, 2012
Output Supply Voltage VCC2 (V)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. OUTPUT SUPPLY VOLTAGE
15
20
25
30
VEE = GND, IF = 10 mA,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
200
150
100
50
0
tPHL
PWD
tPLH
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD CAPACITANCE
Load Capacitance Cg (nF)
010
20
30
40
50
VCC2 = 30 V, VEE = GND,
IF = 10 mA, Rg = 10
Ω,
f = 10 kHz, Duty cycle = 50%
tPHL
tPLH
PWD
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD RESISTANCE
VCC2 = 30 V, VEE = GND,
IF = 10 mA, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
tPHL
PWD
tPLH
Load Resistance Rg (
Ω)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
0
−40 −20
20
40
60
80
VCC2 = 30 V, VEE = GND,
IF = 10 mA,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
tPHL
tPLH
100
PWD
200
150
100
50
0
010
20
30
40
50
200
150
100
50
0
200
150
100
50
0
Low Level Output Current IOL (A)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
0.0
5.0
4.0
3.0
2.0
1.0
0
0.5
1.0
1.5
2.5
2.0
VCC = 30 V,
VEE = GND,
IF = 0 mA
−40°C
25
°C
TA = 110
°C
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
710
13
16
VCC2 = 30 V, VEE = GND,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
200
150
100
50
0
tPHL
PWD
tPLH
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com