Electronic Components Datasheet Search
  English  ▼

X  

PS9505 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS9505
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9505 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS9505 Datasheet HTML 5Page - Renesas Technology Corp PS9505 Datasheet HTML 6Page - Renesas Technology Corp PS9505 Datasheet HTML 7Page - Renesas Technology Corp PS9505 Datasheet HTML 8Page - Renesas Technology Corp PS9505 Datasheet HTML 9Page - Renesas Technology Corp PS9505 Datasheet HTML 10Page - Renesas Technology Corp PS9505 Datasheet HTML 11Page - Renesas Technology Corp PS9505 Datasheet HTML 12Page - Renesas Technology Corp PS9505 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PS9505,PS9505L1,PS9505L2,PS9505L3
Chapter Title
R08DS0015EJ0100 Rev.1.00
Page 9 of 20
Jan 06, 2012
VCC = 15 to 30 V
IF = 10 mA
10 kHz
50% DUTY
CYCLE
0.1 F
μ
1
2
3
4
8
7
6
5
VO
500
Ω
10
Ω
10 nF
tPHL
tPLH
IF
VOUT
90%
50%
10%
tr
tf
VCC = 30 V
VCM = 1.5 kV
0.1 F
μ
1
A
B
2
3
4
8
7
6
5
VO
IF
VOH
26 V
1 V
VOL
VCM
0 V
VO
(Switch A: IF = 10 to 16 mA)
VO
(Switch B: IF = 0 mA)
Fig. 7 tPLH, tPHL, tr, tf Test Circuit and Wave Forms
Fig. 8 CMR Test Circuit and Wave Forms
Δt
=
δ V
δ t
VCM
Δt
SHIELD
SHIELD
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com