Electronic Components Datasheet Search
  English  ▼

X  

PS9505 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9505
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9505 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9505 Datasheet HTML 7Page - Renesas Technology Corp PS9505 Datasheet HTML 8Page - Renesas Technology Corp PS9505 Datasheet HTML 9Page - Renesas Technology Corp PS9505 Datasheet HTML 10Page - Renesas Technology Corp PS9505 Datasheet HTML 11Page - Renesas Technology Corp PS9505 Datasheet HTML 12Page - Renesas Technology Corp PS9505 Datasheet HTML 13Page - Renesas Technology Corp PS9505 Datasheet HTML 14Page - Renesas Technology Corp PS9505 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PS9505,PS9505L1,PS9505L2,PS9505L3
Chapter Title
R08DS0015EJ0100 Rev.1.00
Page 11 of 20
Jan 06, 2012
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
Low Level Output Current IOL (A)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
6
8
10
12
14
16
18
VCC = 30 V, VEE = GND,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
250
200
150
100
50
0
tPHL
PWD
tPLH
15
20
25
30
VEE = GND, IF = 10 mA,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
250
200
150
100
50
0
tPHL
PWD
tPLH
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD CAPACITANCE
Load Capacitance Cg (nF)
10
20
30
40
50
VCC = 30 V, VEE = GND,
IF = 10 mA, Rg = 10
Ω,
f = 10 kHz, Duty cycle = 50%
250
200
150
100
50
0
tPHL
tPLH
PWD
0
0.5
1
1.5
2.5
2
8
6
4
2
VCC = 30 V,
VEE = GND,
IF = 0 mA
−40°C
+25
°C
TA = +110
°C
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD RESISTANCE
0
1020304050
VCC = 30 V, VEE = GND,
IF = 10 mA, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
250
200
150
100
50
0
tPHL
PWD
tPLH
Load Resistance Rg (
Ω)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
0
−40 −20
20
40
60
80
VCC = 30 V, VEE = GND,
IF = 10 mA,
Rg = 10
Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
250
200
150
100
50
0
tPHL
tPLH
100
PWD
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com