Electronic Components Datasheet Search
  English  ▼

X  

PS9513 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS9513
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9513 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS9513 Datasheet HTML 4Page - Renesas Technology Corp PS9513 Datasheet HTML 5Page - Renesas Technology Corp PS9513 Datasheet HTML 6Page - Renesas Technology Corp PS9513 Datasheet HTML 7Page - Renesas Technology Corp PS9513 Datasheet HTML 8Page - Renesas Technology Corp PS9513 Datasheet HTML 9Page - Renesas Technology Corp PS9513 Datasheet HTML 10Page - Renesas Technology Corp PS9513 Datasheet HTML 11Page - Renesas Technology Corp PS9513 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet PN10679EJ03V0DS
8
PS9513,PS9513L1,PS9513L2 PS9513L3
*1 Typical values at TA = 25
°C.
*2 Test circuit for propagation delay time
CL includes probe and stray wiring capacitance.
Input
Output
VTHHL = 1.5 V
VTHLH = 2.0 V
15 V
VOL
tPHL
tPLH
IF (ON)
50% IF (ON)
47
Ω
Pulse input (IF = 10 mA)
Input
(monitor)
GND
(PW = 10 s,
Duty cycle = 1/10)
μ
RL = 20 k
Ω
VO (monitor)
VCC = 15 V
0.1 F
μ
CL = 100 pF
*3 Test circuit for common mode transient immunity
CL includes probe and stray wiring capacitance.
10%
1.5 kV
0 V
VOH
3.0 V
1.0 V
VOL
VCM 90%
tr
tf
VO
(Switch A: IF = 0 mA)
VO
(Switch B: IF = 10 mA)
VO (monitor)
VCC = 15 V
RL = 20 k
Ω
0.1 F
μ
CL = 100 pF
SW IF
GND
BA
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of more than 0.1
μF is used between VCC and GND near device. Also, ensure that the
distance between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Pins 1, 4 (which is an NC
*1 pin) can either be connected directly to the GND pin on the LED side or left open.
Also, Pin 7 (which is an NC
*1 pin) can either be connected directly to the GND pin on the detector side or left
open.
Unconnected pins should not be used as a bypass for signals or for any other similar purpose because this may
degrade the internal noise environment of the device.
*1 NC: Non-Connection (No Connection)
4. Avoid storage at a high temperature and high humidity.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com