Electronic Components Datasheet Search
  English  ▼

X  

PS9587 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # PS9587
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9587 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button PS9587 Datasheet HTML 8Page - Renesas Technology Corp PS9587 Datasheet HTML 9Page - Renesas Technology Corp PS9587 Datasheet HTML 10Page - Renesas Technology Corp PS9587 Datasheet HTML 11Page - Renesas Technology Corp PS9587 Datasheet HTML 12Page - Renesas Technology Corp PS9587 Datasheet HTML 13Page - Renesas Technology Corp PS9587 Datasheet HTML 14Page - Renesas Technology Corp PS9587 Datasheet HTML 15Page - Renesas Technology Corp PS9587 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Data Sheet PN10678EJ04V0DS
10
PS9587,PS9587L1,PS9587L2,PS9587L3
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
PULSE WIDTH DISTORTION vs.
AMBIENT TEMPERATURE
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
Forward Current IF (mA)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
VCC = 5.0 V,
VO = 0.8 V
5
4
3
2
1
0
–50
–25
0
25
50
75
100
1.0 k
Ω
RL = 350
Ω
4.0 k
Ω
–50
–25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
RL = 1.0 k
Ω
RL = 350
Ω
RL = 4.0 k
Ω
100
80
60
40
20
0
5
7.5
10
12.5
15
17.5
20
VCC = 5.0 V
120
100
80
60
40
20
0
tPLH: RL = 4.0 k
Ω
tPLH: RL = 1.0 k
Ω
tPLH: RL = 350
Ω
tPHL: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ
Forward Current IF (mA)
PULSE WIDTH DISTORTION vs.
FORWARD CURRENT
20
17.5
15
12.5
7.5
10
5
VCC = 5.0 V
100
80
60
40
20
0
RL = 4.0 k
Ω
RL = 350
Ω
RL = 1.0 k
Ω
100
80
60
40
20
0
–50
–25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V,
RL = 350
Ω
tr
tf
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
–50
–25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
tPLH: RL = 350
Ω
tPHL: RL = 350
Ω
tPLH: RL = 4.0 k
Ω
tPHL: RL = 4.0 k
Ω
tPLH: RL = 1.0 k
Ω
100
80
60
40
20
0
tPHL: RL = 1.0 k
Ω
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com