Electronic Components Datasheet Search
  English  ▼

X  

PS9587 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS9587
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9587 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS9587 Datasheet HTML 1Page - Renesas Technology Corp PS9587 Datasheet HTML 2Page - Renesas Technology Corp PS9587 Datasheet HTML 3Page - Renesas Technology Corp PS9587 Datasheet HTML 4Page - Renesas Technology Corp PS9587 Datasheet HTML 5Page - Renesas Technology Corp PS9587 Datasheet HTML 6Page - Renesas Technology Corp PS9587 Datasheet HTML 7Page - Renesas Technology Corp PS9587 Datasheet HTML 8Page - Renesas Technology Corp PS9587 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
8-PIN DIP HIGH-SPEED PHOTOCOUPLER
FOR CREEPAGE DISTANCE OF 8 mm
PHOTOCOUPLER
PS9587,PS9587L1,PS9587L2,PS9587L3
−NEPOC Series−
Document No. PN10678EJ04V0DS (4th edition)
Date Published September 2009 NS
Printed in Japan
2007, 2009
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The PS9587, PS9587L1, PS9587L2 and PS9587L3 are optically coupled isolators containing a GaAlAs LED on the
input side and a photo diode and a signal processing circuit on the output side on one chip.
The PS9587L1 and PS9587L2 are designed specifically for long creepage-distance as well as high common mode
transient immunity (CMR) and high speed digital output type. Consequently, they are suitable for high speed logic
interface that needs long creepage-distance (8 mm) on mounting.
The PS9587L1 is lead bending type for long creepage distance.
The PS9587L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
The PS9587L3 is lead bending type (Gull-wing) for surface mounting.
FEATURES
• Long creepage distance (8 mm MIN.: PS9587L1, PS9587L2)
• High common mode transient immunity (CMH, CML =
±15 kV/
μs MIN.)
• High isolation voltage (BV = 5 000 Vr.m.s.)
• High-speed response (10 Mbps)
• Pulse width distortion (
⏐tPHL − tPLH⏐ = 10 ns TYP.)
• Open collector output
• Ordering number of tape product: PS9587L2-E3: 1 000 pcs/reel
: PS9587L3-E3: 1 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• BSI approved: No. 8937, 8938
• SEMKO approved: No. 615433
• NEMKO approved: No. P06207243
• DEMKO approved: No. 314091
• FIMKO approved: No. FI 22827
• DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40019182 (Option)
APPLICATIONS
• FA Network
• Measurement equipment
• PDP
1. NC
2. Anode
3. Cathode
4. NC
5. GND
6. VO
7. NC
8. VCC
1
2
4
3
6
5
8
7
PIN CONNECTIONS
(Top View)
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com