Electronic Components Datasheet Search
  English  ▼

X  

UPC3205GR Datasheet(PDF) 7 Page - NEC

Part # UPC3205GR
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3205GR Datasheet(HTML) 7 Page - NEC

Back Button UPC3205GR Datasheet HTML 3Page - NEC UPC3205GR Datasheet HTML 4Page - NEC UPC3205GR Datasheet HTML 5Page - NEC UPC3205GR Datasheet HTML 6Page - NEC UPC3205GR Datasheet HTML 7Page - NEC UPC3205GR Datasheet HTML 8Page - NEC UPC3205GR Datasheet HTML 9Page - NEC UPC3205GR Datasheet HTML 10Page - NEC UPC3205GR Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet P13541EJ3V0DS00
7
µµµµPC3205GR
TYPICAL CHARACTERISTICS (TA = +25°C)
12
3
4
5
6
0
−10
0
10
20
30
40
50
60
fIF = 490 MHz
PIF =
−45 dBm
fOSC = 479.5 MHz
measurement circuit 1
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
1
10
100
0.1
87
88
89
90
91
92
93
fOSC = 479.5 MHz
Vout = 1 VP-P (1 k
Ω)
measurement circuit 1
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
−40
−30
−10
−20
−50
87
88
89
90
91
92
93
fIF = 490 MHz
fOSC = 479.5 MHz
Vout = 1 VP-P (1 k
Ω)
measurement circuit 1
−40
−30
−10
−20
−50
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
1
10
100
0.1
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.3
0.2
0.4
0.5
0.1
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
12
3
4
5
6
0
0
10
20
30
40
50
60
80
70
no input signal
fOSC = 479.5 MHz
Vout = 1 VP-P (1 k
Ω)
measurement circuit 1
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.3
0.2
0.4
0.5
0.1
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
fIF = 490 MHz
fOSC = 479.5 MHz
Vout = 1 VP-P (1 k
Ω)
measurement circuit 1
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
IQ PHASE BALANCE vs. IQ OUTPUT FREQUENCY
IQ AMPLITUDE BALANCE vs. IQ OUTPUT FREQUENCY
IQ PHASE BALANCE vs. IF INPUT POWER
IQ AMPLITUDE BALANCE vs. IF INPUT POWER
Supply Voltage VCC (V)
IQ Output Frequency fIQ (MHz)
IQ Output Frequency fIQ (MHz)
IF Intput Power PIF (dBm)
IF Input Power PIF (dBm)
AGC Voltage VAGC (V)
CONVERSION GAIN vs. AGC VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com