Electronic Components Datasheet Search
  English  ▼

X  

UPC3205GR Datasheet(PDF) 16 Page - NEC

Part # UPC3205GR
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3205GR Datasheet(HTML) 16 Page - NEC

Back Button UPC3205GR Datasheet HTML 12Page - NEC UPC3205GR Datasheet HTML 13Page - NEC UPC3205GR Datasheet HTML 14Page - NEC UPC3205GR Datasheet HTML 15Page - NEC UPC3205GR Datasheet HTML 16Page - NEC UPC3205GR Datasheet HTML 17Page - NEC UPC3205GR Datasheet HTML 18Page - NEC UPC3205GR Datasheet HTML 19Page - NEC UPC3205GR Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Data Sheet P13541EJ3V0DS00
16
µµµµPC3205GR
NOTE ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as widely as possible to minimize ground impedance (to prevent undesires oscillation).
(3) Keep the track length of the ground pins as short as possible.
(4) A low pass filter must be attached to Vcc line.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered under the following recommended conditions.
For soldering methods and
conditions other than those recommended below, contact your NEC sales representative.
Soldering Method
Soldering Conditions
Recommended Condition
Symbol
Infrared Reflow
Package peak temperature: 235 °C or below
Time: 30 seconds or less (at 210 °C)
Count: 3, Exposure limit
Note
: None
IR35-00-3
VPS
Package peak temperature: 215 °C or below
Time: 40 seconds or less (at 200 °C)
Count: 3, Exposure limit
Note
: None
VP15-00-3
Wave soldering
Soldering bath temperature: 260 °C or below
Time: 10 seconds or less
Count: 1, Exposure limit
Note
: None
WS60-00-1
Partial Heating
Pin temperature: 300 °C
Time: 3 seconds or less (per side of device)
Exposure limit
Note
: None
−
Note After opening the dry pack, keep it in a place below 25 °C and 65% RH for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com