Electronic Components Datasheet Search
  English  ▼

X  

UPC3206GR Datasheet(PDF) 25 Page - NEC

Part # UPC3206GR
Description  50dB AGC AMP VIDEO AMP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3206GR Datasheet(HTML) 25 Page - NEC

Back Button UPC3206GR Datasheet HTML 21Page - NEC UPC3206GR Datasheet HTML 22Page - NEC UPC3206GR Datasheet HTML 23Page - NEC UPC3206GR Datasheet HTML 24Page - NEC UPC3206GR Datasheet HTML 25Page - NEC UPC3206GR Datasheet HTML 26Page - NEC UPC3206GR Datasheet HTML 27Page - NEC UPC3206GR Datasheet HTML 28Page - NEC UPC3206GR Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet P13710EJ3V0DS00
25
µµµµPC3206GR
MEASUREMENT CIRCUIT 7
1
AGC Amp1
AGC Amp2
VIDEO
Amp
20
2
VAGC
1 F
100 k
100 k
µ
19
318
417
516
615
714
813
912
10
11
VCC1
1 F
0.022 F
µ
0.1 F
µ
0.1 F
µ
µ
0.022 F
µ
0.022 F
µ
0.1 F
µ
0.022 F
open
/short
µ
VCC1
1 F
200
510
4700pF
0.1 F
µµ
0.1 F
µ
VCC2
0.022 F
1000pF
µ
0.022 F
1 k
µ
0.022 F 950
µ
NF
METER
NOISE
SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com