Electronic Components Datasheet Search
  English  ▼

X  

UPC3206GR Datasheet(PDF) 27 Page - NEC

Part # UPC3206GR
Description  50dB AGC AMP VIDEO AMP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3206GR Datasheet(HTML) 27 Page - NEC

Back Button UPC3206GR Datasheet HTML 23Page - NEC UPC3206GR Datasheet HTML 24Page - NEC UPC3206GR Datasheet HTML 25Page - NEC UPC3206GR Datasheet HTML 26Page - NEC UPC3206GR Datasheet HTML 27Page - NEC UPC3206GR Datasheet HTML 28Page - NEC UPC3206GR Datasheet HTML 29Page - NEC UPC3206GR Datasheet HTML 30Page - NEC UPC3206GR Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet P13710EJ3V0DS00
27
µµµµPC3206GR
PACKAGE DIMENSIONS
20 PIN PLASTIC SSOP (225 mil) (UNIT: mm)
20
detail of lead end
1.8 MAX.
+7˚
–3˚
0.65
0.10 M
0.15
0.5
± 0.2
11
110
6.7
± 0.3
1.5
± 0.1
0.1
± 0.1
0.22
+0.10
–0.05
0.575 MAX.
0.15
+0.10
–0.05
6.4
± 0.2
4.4
± 0.1
1.0
± 0.2
NOTE
Each lead centerline is located within 0.10 mm of its true position (T.P.) at maximum material condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com