Electronic Components Datasheet Search
  English  ▼

X  

M7232 Datasheet(PDF) 1 Page - Intersil Corporation

Part # M7232
Description  Numeric/Alphanumeric Triplexed LCD Display Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

M7232 Datasheet(HTML) 1 Page - Intersil Corporation

  M7232 Datasheet HTML 1Page - Intersil Corporation M7232 Datasheet HTML 2Page - Intersil Corporation M7232 Datasheet HTML 3Page - Intersil Corporation M7232 Datasheet HTML 4Page - Intersil Corporation M7232 Datasheet HTML 5Page - Intersil Corporation M7232 Datasheet HTML 6Page - Intersil Corporation M7232 Datasheet HTML 7Page - Intersil Corporation M7232 Datasheet HTML 8Page - Intersil Corporation M7232 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
9-19
August 1997
ICM7231, ICM7232
Numeric/Alphanumeric Triplexed
LCD Display Drivers
Features
• ICM7231 Drives 8 Digits of 7 Segments with Two
Independent Annunciators Per Digit Address and Data
Input in Parallel Format
• ICM7232 Drives 10 Digits of 7 Segments with Two
Independent Annunciators Per Digit Address and Data
Input in Serial Format
• All Signals Required to Drive Rows and Columns of
Triplexed LCD Display are Provided
• Display Voltage Independent of Power Supply
• On-Chip Oscillator Provides All Display Timing
• Total Power Consumption Typically 200
µW, Maximum
500
µW at 5V
• Low-Power Shutdown Mode Retains Data With 5
µW
Typical Power Consumption at 5V, 1
µW at 2V
• Direct Interface to High-Speed Microprocessors
Description
The ICM7231 and ICM7232 family of integrated circuits are
designed to generate the voltage levels and switching wave-
forms required to drive triplexed liquid-crystal displays.
These chips also include input buffer and digit address
decoding circuitry allowing six bits of input data to be
decoded into 64 independent combinations of the output
segments of the selected digit.
The family is designed to interface to modern high-
performance microprocessors and microcomputers and
ease system requirements for ROM space and CPU time
needed to service a display.
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
NUMBER OF DIGITS
INPUT FORMAT
PKG. NO.
ICM7231BFIJL
-25 to 85
40 Ld CERDIP
8 Digit
Parallel
F40.6
ICM7231BFIPL
-25 to 85
40 Ld PDIP
8 Digit
Parallel
E40.6
ICM7232BFIPL
-25 to 85
40 Ld PDIP
10 Digit
Serial
E40.6
ICM7232CRIPL
-25 to 85
40 Ld PDIP
10 Digit
Serial
E40.6
NOTE:
All versions intended for triplexed LCD displays.
File Number
3161.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - M7232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M7232 ETC-M7232 Datasheet
18Kb / 1P
CONTINUOUS, ON/OFF LIGHT DIMMER
More results

Similar Description - M7232

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
LCD Display Drivers
LC75822E SANYO-LC75822E Datasheet
128Kb / 10P
LCD Display Drivers?
logo
Maxim Integrated Produc...
MAX7231 MAXIM-MAX7231 Datasheet
625Kb / 16P
Triplexed LCD Decoder/Drivers
1995
logo
Intersil Corporation
ICM7231 INTERSIL-ICM7231_02 Datasheet
317Kb / 19P
Numeric/Alphanumeric Triplexed LCD Display Drivers
August 1997
logo
SunLED Corporation
AMR30A SUNLED-AMR30A Datasheet
209Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AMR30C SUNLED-AMR30C Datasheet
209Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUG30A SUNLED-AUG30A Datasheet
207Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUG30C SUNLED-AUG30C Datasheet
208Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUY30A SUNLED-AUY30A Datasheet
210Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
logo
BetLux Electronics
BL-D54A-21S BETLUX-BL-D54A-21S Datasheet
74Kb / 4P
LED NUMERIC DISPLAY, 2 DIGIT ALPHANUMERIC DISPLAY
REV NO: V.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com