Electronic Components Datasheet Search
  English  ▼

X  

UPC29M06T Datasheet(PDF) 13 Page - NEC

Part # UPC29M06T
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC29M06T Datasheet(HTML) 13 Page - NEC

Back Button UPC29M06T Datasheet HTML 9Page - NEC UPC29M06T Datasheet HTML 10Page - NEC UPC29M06T Datasheet HTML 11Page - NEC UPC29M06T Datasheet HTML 12Page - NEC UPC29M06T Datasheet HTML 13Page - NEC UPC29M06T Datasheet HTML 14Page - NEC UPC29M06T Datasheet HTML 15Page - NEC UPC29M06T Datasheet HTML 16Page - NEC UPC29M06T Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
µPC29M00 Series
13
TYPICAL CHARACTERISTICS
20
150
100
50
50
40
30
20
10
0
0.5
1.0
1.5
0
5
10
15
20
2
4
6
8
10
12
14
16
18
20
0
–50
–100
–150
–200
15
10
5
1.92
1.0
0
0
50
85 100
150
–50
0
50
100
150
Without heatsink
With infinite heatsink
Solid line:
PC29M00HF Series
Broken line:
PC29M00HB Series
PC29M00T Series
µ
µ
µ
Pd vs TA
∆VO vs TJ
VO vs VIN ( PC29M33)
VDIF vs TJ
TA - Operating Ambient Temperature - ˚C
TJ - Operating Junction Temperature - ˚C
VIN - Input Voltage - V
TJ - Operating Junction Temperature - ˚C
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.2
0
0.6
0.4
1.0
0.8
45
6
1
0
–25
0
+25
+50
+75
+100
+125 +150
23
7
8
TJ = 25 ˚C
TJ = 25 ˚C
IO = 0.5 A
IO = 0.5 A
IO = 0.35 A
IO = 0.35 A
IO = 5 mA
TJ = 25 ˚C
TJ = 125 ˚C
TJ = 0 ˚C
µ
IBIAS (IBIAS (s) ) vs VIN ( PC29M33)
VIN - Input Voltage - V
µ
IO peak vs VDIF ( PC29M03)
VDIF - Dropout Voltage - V
µ
PC29M03
µ
PC29M33
µ
PC29M12
µ
PC29M03
µ
PC29M12
µ
PC29M05
µ
IO = 0.5 A
IO = 5 mA
IO = 0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com