Electronic Components Datasheet Search
  English  ▼

X  

UPC29M06T Datasheet(PDF) 2 Page - NEC

Part # UPC29M06T
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC29M06T Datasheet(HTML) 2 Page - NEC

  UPC29M06T Datasheet HTML 1Page - NEC UPC29M06T Datasheet HTML 2Page - NEC UPC29M06T Datasheet HTML 3Page - NEC UPC29M06T Datasheet HTML 4Page - NEC UPC29M06T Datasheet HTML 5Page - NEC UPC29M06T Datasheet HTML 6Page - NEC UPC29M06T Datasheet HTML 7Page - NEC UPC29M06T Datasheet HTML 8Page - NEC UPC29M06T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
µPC29M00 Series
2
BLOCK DIAGRAM
Start-up
circuit
Reference
voltage
Thermal
shut down
Error
amp.
Drive
circuit
Saturation
protection
Safe operating
area protection
OUTPUT
GND
INPUT
Over current
protection
ORDERING INFORMATION
Part Number
Package
Output Voltage
µPC29M03HF
MP-45G (Isolated TO-220)
3.0 V
µPC29M03HB
MP-3 (SC-64)
3.0 V
µPC29M03T
MP-3Z (SC-63)
3.0 V
µPC29M33HF
MP-45 (Isolated TO-220)
3.3 V
µPC29M33HB
MP-3 (SC-64)
3.3 V
µPC29M33T
MP-3Z (SC-63)
3.3 V
µPC29M05HF
MP-45G (Isolated TO-220)
5.0 V
µPC29M05HB
MP-3 (SC-64)
5.0 V
µPC29M05T
MP-3Z (SC-63)
5.0 V
µPC29M06HF
MP-45G (Isolated TO-220)
6.0 V
µPC29M06HB
MP-3 (SC-64)
6.0 V
µPC29M06T
MP-3Z (SC-63)
6.0 V
µPC29M07HF
MP-45G (Isolated TO-220)
7.0 V
µPC29M07HB
MP-3 (SC-64)
7.0 V
µPC29M07T
MP-3Z (SC-63)
7.0 V
µPC29M08HF
MP-45G (Isolated TO-220)
8.0 V
µPC29M08HB
MP-3 (SC-64)
8.0 V
µPC29M08T
MP-3Z (SC-63)
8.0 V
µPC29M09HF
MP-45G (Isolated TO-220)
9.0 V
µPC29M09HB
MP-3 (SC-64)
9.0 V
µPC29M09T
MP-3Z (SC-63)
9.0 V
µPC29M10HF
MP-45G (Isolated TO-220)
10.0 V
µPC29M10HB
MP-3 (SC-64)
10.0 V
µPC29M10T
MP3Z (SC-63)
10.0 V
µPC29M12HF
MP-45G (Isolated TO-220)
12.0 V
µPC29M12HB
MP-3 (SC-64)
12.0 V
µPC29M12T
MP-3Z (SC-63)
12.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com