Electronic Components Datasheet Search
  English  ▼

X  

IRF237 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRF237
Description  8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF237 Datasheet(HTML) 1 Page - Intersil Corporation

  IRF237 Datasheet HTML 1Page - Intersil Corporation IRF237 Datasheet HTML 2Page - Intersil Corporation IRF237 Datasheet HTML 3Page - Intersil Corporation IRF237 Datasheet HTML 4Page - Intersil Corporation IRF237 Datasheet HTML 5Page - Intersil Corporation IRF237 Datasheet HTML 6Page - Intersil Corporation IRF237 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-1
Semiconductor
Features
• 8.1A and 6.5A, 275V and 250V
•rDS(ON) = 0.45Ω and 0.68Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• 275V, 250V DC Rated - 120V AC Line System
Operation
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Description
These are N-Channel enhancement mode silicon gate
power field effect transistors. They are advanced power
MOSFETs designed, tested, and guaranteed to withstand a
specified level of energy in the breakdown avalanche mode
of operation. All of these power MOSFETs are designed for
applications such as switching regulators, switching conver-
tors, motor drivers, relay drivers, and drivers for high power
bipolar switching transistors requiring high speed and low
gate drive power. These types can be operated directly from
integrated circuits.
Formerly developmental type TA17413.
Symbol
Packaging
JEDEC TO-204AA
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF234
TO-204AA
IRF234
IRF235
TO-204AA
IRF235
IRF236
TO-204AA
IRF236
IRF237
TO-204AA
IRF237
NOTE: When ordering, include the entire part number.
G
D
S
DRAIN
(FLANGE)
SOURCE (PIN 2)
GATE (PIN 1)
January 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
2208.3
IRF234, IRF235,
IRF236, IRF237
8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm,
N-Channel Power MOSFETs


Similar Part No. - IRF237

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF237 ISC-IRF237 Datasheet
48Kb / 2P
Nanosecond Switching speeds
More results

Similar Description - IRF237

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
October 1997
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
October 1997
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
January 1998
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
July 1998
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
-5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
January 1998
IRFD1Z0 INTERSIL-IRFD1Z0 Datasheet
57Kb / 6P
0.4A and 0.5A, 60V and 100V, 2.4 and 3.2 Ohm, N-Channel Power MOSFETs
July 1998
IRFP244 INTERSIL-IRFP244 Datasheet
68Kb / 7P
15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
July 1998
logo
Harris Corporation
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com