Electronic Components Datasheet Search
  English  ▼

X  

IRF237 Datasheet(PDF) 2 Page - Intersil Corporation

Part # IRF237
Description  8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF237 Datasheet(HTML) 2 Page - Intersil Corporation

  IRF237 Datasheet HTML 1Page - Intersil Corporation IRF237 Datasheet HTML 2Page - Intersil Corporation IRF237 Datasheet HTML 3Page - Intersil Corporation IRF237 Datasheet HTML 4Page - Intersil Corporation IRF237 Datasheet HTML 5Page - Intersil Corporation IRF237 Datasheet HTML 6Page - Intersil Corporation IRF237 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5-2
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRF234
IRF235
IRF236
IRF237
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . VDS
250
250
275
275
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . VDGR
250
250
275
275
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
8.1
6.5
8.1
6.5
A
TC = 100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
D
5.1
4.1
5.1
4.1
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . IDM
32
26
32
26
A
Gate to Source Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
±20
±20
±20
V
Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . PD
75
75
75
75
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.6
0.6
0.6
0.6
W/oC
Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . EAS
180
180
180
180
mJ
Operating and Storage Temperature . . . . . . . . . . . . . TJ, TSTG
-55 to 150
-55 to 150
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . .Tpkg
300
260
300
260
300
260
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250µA, (Figure 10)
IRF234, IRF235
250
-
-
V
IRF236, IRF237
275
-
-
V
Gate to Threshold Voltage
VGS(TH) VGS = VDS, ID = 250µA
2.0
-
4.0
V
Zero-Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V TJ =125
oC
-
-
250
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = 10V,
(Figure 7)
IRF234, IRF236
8.1
-
-
A
IRF235, IRF237
6.5
-
-
A
Gate to Source Leakage
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On-State Resistance (Note 2)
rDS(ON) VGS = 10V, ID = 4.1A, (Figures 8, 9)
IRF234, IRF236
-
0.32
0.45
Ω
IRF235, IRF237
-
0.48
0.68
Ω
Forward Transconductance (Note 2)
gfs
VDS ≥ 50V, ID = 4.1A, (Figure 12)
2.9
4.3
-
S
Turn-On Delay Time
td(ON)
VDD = 125V, ID ≈ 8.1A, RG = 12Ω, RL = 1.1Ω
VGS = 10V, (Figures 17, 18)
MOSFET Switching Times are Essentially
Independent of Operating Temperature
-
9.1
14
ns
Rise Time
tr
-23
35
ns
Turn-Off Delay Time
td(OFF)
-31
47
ns
Fall Time
tf
-19
29
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT) VGS = 10V, ID = 8.1A, VDS = 0.8 x Rated BVDSS
IG(REF) = 1.5mA, (Figures 14, 19, 20)
Gate Charge is Essentially Independent of
Operating Temperature
-24
35
nC
Gate to Source Charge
Qgs
-
5.1
-
nC
Gate to Drain “Miller” Charge
Qgd
-12
-
nC
IRF234, IRF235, IRF236, IRF237



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com