Electronic Components Datasheet Search
  English  ▼

X  

IRF320 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRF320
Description  2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF320 Datasheet(HTML) 1 Page - Intersil Corporation

  IRF320 Datasheet HTML 1Page - Intersil Corporation IRF320 Datasheet HTML 2Page - Intersil Corporation IRF320 Datasheet HTML 3Page - Intersil Corporation IRF320 Datasheet HTML 4Page - Intersil Corporation IRF320 Datasheet HTML 5Page - Intersil Corporation IRF320 Datasheet HTML 6Page - Intersil Corporation IRF320 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-1
Semiconductor
Features
• 2.8A and 3.3A, 350V and 400V
•rDS(ON) = 1.8Ω and 2.5Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Description
These are N-Channel enhancement mode silicon gate
power field effect transistors. They are advanced power
MOSFETs designed, tested, and guaranteed to withstand a
specified level of energy in the breakdown avalanche mode
of operation. All of these power MOSFETs are designed for
applications such as switching regulators, switching conver-
tors, motor drivers, relay drivers, and drivers for high power
bipolar switching transistors requiring high speed and low
gate drive power. These types can be operated directly from
integrated circuits.
Formerly developmental type TA17404.
Symbol
Packaging
JEDEC TO-204AA
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF320
TO-204AA
IRF320
IRF321
TO-204AA
IRF321
IRF322
TO-204AA
IRF322
IRF323
TO-204AA
IRF323
NOTE: When ordering, use the entire part number.
D
S
G
DRAIN
(FLANGE)
SOURCE (PIN 2)
GATE (PIN 1)
July 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
1569.3
IRF320, IRF321,
IRF322, IRF323
2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm,
N-Channel Power MOSFETs


Similar Part No. - IRF320

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF320 SAMSUNG-IRF320 Datasheet
213Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF320 FAIRCHILD-IRF320 Datasheet
164Kb / 5P
N-Channel Power MOSFETs, 3.0 A, 350-400 V
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF320 ISC-IRF320 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
logo
ARTSCHIP ELECTRONICS CO...
IRF320 ARTSCHIP-IRF320 Datasheet
333Kb / 6P
N-Channel Power MOSFETs
More results

Similar Description - IRF320

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 15A, 350V/400V
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
July 1999
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
October 1998
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
September 1998
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
October 1998
RFM7N35 INTERSIL-RFM7N35 Datasheet
47Kb / 4P
7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
July 1998
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com