Electronic Components Datasheet Search
  English  ▼

X  

IRF730 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRF730
Description  5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF730 Datasheet(HTML) 5 Page - Intersil Corporation

  IRF730 Datasheet HTML 1Page - Intersil Corporation IRF730 Datasheet HTML 2Page - Intersil Corporation IRF730 Datasheet HTML 3Page - Intersil Corporation IRF730 Datasheet HTML 4Page - Intersil Corporation IRF730 Datasheet HTML 5Page - Intersil Corporation IRF730 Datasheet HTML 6Page - Intersil Corporation IRF730 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-236
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
1.25
1.05
0.95
0.85
0.75
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.15
80
ID = 250µA
160
VDS, DRAIN TO SOURCE VOLTAGE (V)
1500
1200
900
600
300
0
110
100
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGD
VGS = 0V, f = 1MHz
CISS
COSS
CRSS
10
8
6
4
2
0
0246810
ID, DRAIN CURRENT (A)
TJ = 25
oC
TJ = 150
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
0.4
0.8
1.2
1.6
VSD, SOURCE TO DRAIN VOLTAGE (V)
100
10
1
0.1
TJ = 150
oC
2.0
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
8
16
24
32
40
ID = 5.5A
Qg, GATE CHARGE (nC)
20
16
12
8
4
0
VDS = 200V
VDS = 320V
VDS = 80V
IRF730



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com