Electronic Components Datasheet Search
  English  ▼

X  

C324C Datasheet(PDF) 3 Page - NEC

Part # C324C
Description  LOW POWER QUAD OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

C324C Datasheet(HTML) 3 Page - NEC

  C324C Datasheet HTML 1Page - NEC C324C Datasheet HTML 2Page - NEC C324C Datasheet HTML 3Page - NEC C324C Datasheet HTML 4Page - NEC C324C Datasheet HTML 5Page - NEC C324C Datasheet HTML 6Page - NEC C324C Datasheet HTML 7Page - NEC C324C Datasheet HTML 8Page - NEC C324C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
µPC324
3
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25
°C, TYP.)
1000
800
600
400
200
4
3
2
1
0
20
40
60
80
100
0
10
20
30
40
TA - Operating Ambient Temperature - °C
POWER DISSIPATION
SUPPLY CURRENT
V+ - Supply Voltage - V (V– = GND)
TA = –20 °C
TA = 0 to 70 °C
324G2
324C
100
75
50
25
0
10
20
30
40
V+ - Supply Voltage - V (V– = GND)
INPUT BIAS CURRENT
TA = +25 °C
–
+
A
V+
ICC
3
2
1
0
0
10
20
30
50
INPUT OFFSET VOLTAGE
V+ - Supply Voltage - V (V– = GND)
TA = 25 °C
0
40
100
–50
–4
–3
–2
–1
1
0
2
3
4
5
INPUT OFFSET VOLTAGE
V+ = 5 V
TA - Operating Ambient Temperature - °C
100
80
60
40
20
0
–50
0
50
100
INPUT BIAS CURRENT
TA - Operating Ambient Temperature - °C
V+ = +15 V
V– = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com