Electronic Components Datasheet Search
  English  ▼

X  

C324C Datasheet(PDF) 4 Page - NEC

Part # C324C
Description  LOW POWER QUAD OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

C324C Datasheet(HTML) 4 Page - NEC

  C324C Datasheet HTML 1Page - NEC C324C Datasheet HTML 2Page - NEC C324C Datasheet HTML 3Page - NEC C324C Datasheet HTML 4Page - NEC C324C Datasheet HTML 5Page - NEC C324C Datasheet HTML 6Page - NEC C324C Datasheet HTML 7Page - NEC C324C Datasheet HTML 8Page - NEC C324C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPC324
4
140
120
100
80
60
40
20
0
1
10
100
1 k
10 k 100 k
1 M
10 M
f - Frequency - Hz
OPEN LOOP FREQUENCY RESPONSE
V+ = 10 to 15 V
V+ = 30 V
V+/2
VO
V+
VIN
0.1 F
10 M
Ω
+
–
20
15
10
5
0
1 k
3
5 10 k
30 50 100 k
300 500 1 M
LARGE SIGNAL FREQUENCY RESPONSE
VO
VIN
100 k
Ω
1 k
Ω
+15 V
7 V
+
–
2 k
Ω
160
120
80
40
70
60
50
40
30
0
10203040
–20
60
20
80
OPEN LOOP VOLTAGE GAIN
TA - Operating Ambient Temperature - °C
OUTPUT SHORT CIRCUIT CURRENT
040
IO SHORT
–
+
V+ - Supply Voltage - V (V– = GND)
RL = 20 k
Ω
RL = 2 k
Ω
µ
f - Frequency - Hz
OUTPUT SINK CURRENT LIMIT
10
1.0
0.1
0.01
0.01
0.1
1.0
10
100
IO SINK - Output Sink Current - mA
V+ = 15 V
–
+
VO
V+/2
V+
IO SINK
OUTPUT SOURCE CURRENT LIMIT
5
4
1
0
0.01
0.1
1.0
10
100
IO SOURCE - Output Source Current - mA
+
–
IO SOURCE
V+/2
V+
∆VO
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com