Electronic Components Datasheet Search
  English  ▼

X  

IRFD210 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFD210
Description  0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD210 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFD210 Datasheet HTML 1Page - Intersil Corporation IRFD210 Datasheet HTML 2Page - Intersil Corporation IRFD210 Datasheet HTML 3Page - Intersil Corporation IRFD210 Datasheet HTML 4Page - Intersil Corporation IRFD210 Datasheet HTML 5Page - Intersil Corporation IRFD210 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-281
File Number
2316.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRFD210
0.6A, 200V, 1.500 Ohm, N-Channel Power
MOSFET
This advanced power MOSFET is designed, tested, and
guaranteed to withstand a specified level of energy in the
breakdown avalanche mode of operation. These are
N-Channel enhancement mode silicon gate power field
effect transistors designed for applications such as switching
regulators, switching converters, motor drivers, relay drivers,
and drivers for high power bipolar switching transistors
requiring high speed and low gate drive power. They can be
operated directly from integrated circuits.
Formerly developmental type TA17442.
Features
• 0.6A, 200V
•rDS(ON) = 1.500Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
HEXDIP
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFD210
HEXDIP
IRFD210
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
GATE
DRAIN
Data Sheet
July 1999


Similar Part No. - IRFD210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD210 IRF-IRFD210 Datasheet
173Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.60A)
logo
Harris Corporation
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRFD210 VISHAY-IRFD210 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
IRFD210 VISHAY-IRFD210 Datasheet
843Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFD210PBF IRF-IRFD210PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results

Similar Description - IRFD210

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
June 1999
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
IRF9620 INTERSIL-IRF9620 Datasheet
58Kb / 7P
3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET
July 1999
IRFD9220 INTERSIL-IRFD9220 Datasheet
53Kb / 6P
0.6A, 200V, 1.500 Ohm, P-Channel Power MOSFET
July 1999
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRFR9220 INTERSIL-IRFR9220 Datasheet
99Kb / 8P
3.6A, 200V, 1.500 Ohm, P-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
2N6784 FAIRCHILD-2N6784 Datasheet
90Kb / 7P
2.25A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Harris Corporation
BUZ41A HARRIS-BUZ41A Datasheet
45Kb / 5P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com