Electronic Components Datasheet Search
  English  ▼

X  

IRFD1Z2 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRFD1Z2
Description  0.4A and 0.5A, 60V and 100V, 2.4 and 3.2 Ohm, N-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD1Z2 Datasheet(HTML) 5 Page - Intersil Corporation

  IRFD1Z2 Datasheet HTML 1Page - Intersil Corporation IRFD1Z2 Datasheet HTML 2Page - Intersil Corporation IRFD1Z2 Datasheet HTML 3Page - Intersil Corporation IRFD1Z2 Datasheet HTML 4Page - Intersil Corporation IRFD1Z2 Datasheet HTML 5Page - Intersil Corporation IRFD1Z2 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5-5
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 10. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 11. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 12. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 13. GATE TO SOURCE VOLTAGE vs GATE VOLTAGE
Typical Performance Curves Unless Otherwise Specified (Continued)
1.25
0.95
0.85
0.75
-40
TJ, JUNCTION TEMPERATURE (
oC)
160
1.05
1.15
040
80
120
100
20
0
0
20
50
60
VDS, DRAIN TO SOURCE VOLTAGE (V)
80
40
10
30
CISS
COSS
CRSS
40
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS = CDS + CGD
ID, DRAIN CURRENT (A)
0
0.25
0.50
0.75
1.0
0.1
0.3
0.4
0.5
0.6
1.5
0
TJ = -55
oC
TJ = 25
oC
TJ = 125
oC
0.2
1.25
PULSE DURATION = 80
µs
0
0.1
1.0
VSD, SOURCE TO DRAIN VOLTAGE (V)
10
0.4
1.2
0.8
1.6
2.0
TJ = 25
oC
TJ = 150
oC
QG, TOTAL GATE CHARGE (nC)
0
234
5
15
20
ID = 1.2A
10
0
1
VDS = 80V
VDS = 50V
VDS = 20V
IRFD1Z0,
IRFD1Z2
IRFD1Z0, IRFD1Z1, IRFD1Z2, IRFD1Z3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com