Electronic Components Datasheet Search
  English  ▼

X  

IRFD1Z2 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFD1Z2
Description  0.4A and 0.5A, 60V and 100V, 2.4 and 3.2 Ohm, N-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD1Z2 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFD1Z2 Datasheet HTML 1Page - Intersil Corporation IRFD1Z2 Datasheet HTML 2Page - Intersil Corporation IRFD1Z2 Datasheet HTML 3Page - Intersil Corporation IRFD1Z2 Datasheet HTML 4Page - Intersil Corporation IRFD1Z2 Datasheet HTML 5Page - Intersil Corporation IRFD1Z2 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5-3
Internal Drain Inductance
LD
Measured From The
Drain Lead, 2mm
(0.08in) From Package
to Center of Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
-
4.0
-
nH
Internal Source Inductance
LS
Measured From The
Source Lead, 2mm
(0.08in) From Header to
Source Bonding Pad
-
6.0
-
nH
Thermal Resistance Junction to Ambient
RθJA
Free Air Operation
-
-
120
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse
P-N Junction Diode
IRFD1Z0, IRFD1Z1
-
-
0.5
A
IRFD1Z2, IRFD1Z3
-
-
0.4
A
Pulse Source to Drain Current
ISDM
IRFD1Z0, IRFD1Z1
-
-
4.0
A
IRFD1Z2, IRFD1Z3
-
-
3.2
A
Source to Drain Diode Voltage (Note 2)
VSD
IRFD1Z0, IRFD1Z1
TA = 25
oC, I
SD = 0.5A, VGS = 0V
-
-
1.4
V
IRFD1Z2, IRFD1Z3
TA = 25
oC, I
SD = 0.4A, VGS = 0V
-
-
1.3
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = 0.5A, dISD/dt = 100A/µs
-
100
-
ns
Reverse Recovery Charge
QRR
TJ = 150
oC, I
SD = 0.5A, dISD/dt = 100A/µs
-
0.2
-
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs
AMBIENT TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LS
LD
G
D
S
G
D
S
TA, AMBIENT TEMPERATURE (
oC)
0.0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
TA, AMBIENT TEMPERATURE (
oC)
50
75
100
25
150
0.4
0.2
0
0.1
125
0.3
IRFD1Z0, IRFD1Z1
IRFD1Z2, IRFD1Z3
0.5
IRFD1Z0, IRFD1Z1, IRFD1Z2, IRFD1Z3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com