Electronic Components Datasheet Search
  English  ▼

X  

IRFD9110 Datasheet(PDF) 2 Page - Intersil Corporation

Part # IRFD9110
Description  0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD9110 Datasheet(HTML) 2 Page - Intersil Corporation

  IRFD9110 Datasheet HTML 1Page - Intersil Corporation IRFD9110 Datasheet HTML 2Page - Intersil Corporation IRFD9110 Datasheet HTML 3Page - Intersil Corporation IRFD9110 Datasheet HTML 4Page - Intersil Corporation IRFD9110 Datasheet HTML 5Page - Intersil Corporation IRFD9110 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-40
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRFD9110
UNITS
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
-100
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
-100
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
-0.7
A
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
-3.0
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Maximum Power Dissipation (Figure 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
1.0
W
Dissipation Derating Factor (Figure 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.008
W/oC
Single Pulse Avalanche Energy Rating (Note 3). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
190
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = -250µA, VGS = 0V, (Figure 9)
-100
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = -250µA
-2
-
-4
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
-25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V, TC = 125
oC
-
-
-250
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = -10V,
(Figure 6)
-0.7
-
-
A
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = -0.3A, VGS = -10V, (Figures 8)
-
1.000
1.200
Ω
Forward Transconductance (Note 2)
gfs
VDS ≤ 50V, ID = -0.6A, (Figure 11)
0.59
0.88
-
S
Turn-On Delay Time
td(ON)
VDD = 0.5 x Rated BVDSS, ID = -0.7A, RG = 9.1Ω,
VGS =-10V, (Figures 16, 17),
RL = 70Ω for VDSS = 50V
RL = 56Ω for VDSS = 40V
MOSFET Switching Times are Essentially
Independent of Operating Temperature
-15
30
ns
Rise Time
tr
-30
60
ns
Turn-Off Delay Time
td(OFF)
-20
40
ns
Fall Time
tf
-20
40
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT)
VGS = -10V, ID = -0.7A, VDS = 0.8V x Rated BVDSS,
(Figures 13, 18, 19) Gate Charge is
Essentially Independent of Operating
Temperature
-11
15
nC
Gate to Source Charge
Qgs
-
5.7
-
nC
Gate to Drain “Miller” Charge
Qgd
-
5.3
-
nC
Input Capacitance
CISS
VDS = -25V, VGS = 0V, f = 1MHz, (Figure 10)
-
180
-
pF
Output Capacitance
COSS
-85-
pF
Reverse Transfer Capacitance
CRSS
-30-
pF
Internal Drain Inductance
LD
Measured From the Drain
Lead, 2mm (0.08in) From
Package to Center of Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
-
4.0
-
nH
Internal Source Inductance
LS
Measured From the
Source Lead, 2mm
(0.08in) From Header to
Source Bonding Pad
-
6.0
-
nH
Thermal Resistance Junction to Ambient
RθJA
Typical Socket Mount
-
-
120
oC/W
LS
LD
G
D
S
IRFD9110



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com