Electronic Components Datasheet Search
  English  ▼

X  

IRFD9120 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRFD9120
Description  1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD9120 Datasheet(HTML) 4 Page - Intersil Corporation

  IRFD9120 Datasheet HTML 1Page - Intersil Corporation IRFD9120 Datasheet HTML 2Page - Intersil Corporation IRFD9120 Datasheet HTML 3Page - Intersil Corporation IRFD9120 Datasheet HTML 4Page - Intersil Corporation IRFD9120 Datasheet HTML 5Page - Intersil Corporation IRFD9120 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-48
FIGURE 5. SATURATION CHARACTERISTICS
FIGURE 6. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 7. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 8. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 10. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
Typical Performance Curves Unless Otherwise Specified (Continued)
0
-1
0
-1
-2
-3
-5
-2
-3
VDS, DRAIN TO SOURCE VOLTAGE (V)
-4
-4
-5
VGS = -7V
VGS = -10V
VGS = -9V
VGS = -4V
VGS = -5V
VGS = -6V
VGS = -8V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
-5
-4
-3
-2
-1
0
-2
-3
-4
-5
-6
-7
VGS, GATE TO SOURCE VOLTAGE (V)
VDS ≥ I D(ON) x rDS(ON) MAX.
TJ = 125
oC
TJ = 25
oC
TJ = -55
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
ID, DRAIN CURRENT (A)
1.6
1.2
0.8
0.4
0
0-2
-4
-6
-8
VGS = -20V
VGS = -10V
2.2
1.4
1.0
0.6
0.2
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.8
80
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
VGS = -10V, ID = -8A
1.25
0.95
0.85
0.75
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
80
120
1.05
1.15
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
500
100
0
0
-20
-50
300
VDS, DRAIN TO SOURCE VOLTAGE (V)
400
200
CISS
COSS
CRSS
-10
-30
-40
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
VGS = 0V, f = 1MHz
IRFD9120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com