Electronic Components Datasheet Search
  English  ▼

X  

IRFD9120 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFD9120
Description  1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD9120 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFD9120 Datasheet HTML 1Page - Intersil Corporation IRFD9120 Datasheet HTML 2Page - Intersil Corporation IRFD9120 Datasheet HTML 3Page - Intersil Corporation IRFD9120 Datasheet HTML 4Page - Intersil Corporation IRFD9120 Datasheet HTML 5Page - Intersil Corporation IRFD9120 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-45
File Number
2285.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRFD9120
1.0A, 100V, 0.6 Ohm, P-Channel Power
MOSFET
This advanced power MOSFET is designed, tested, and
guaranteed to withstand a specified level of energy in the
breakdown avalanche mode of operation. These are
P-Channel enhancement mode silicon gate power field
effect transistors designed for applications such as switching
regulators, switching convertors, motor drivers, relay drivers
and drivers for high power bipolar switching transistors
requiring high speed and low gate drive power. These types
can be operated directly from integrated circuits.
Formerly developmental type TA17501.
Features
• 1.0A, 100V
•rDS(ON) = 0.6Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
Symbol
Packaging
HEXDIP
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFD9120
HEXDIP
IRFD9120
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
GATE
DRAIN
Data Sheet
July 1999


Similar Part No. - IRFD9120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD9120 IRF-IRFD9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
logo
Vishay Siliconix
IRFD9120 VISHAY-IRFD9120 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFD9120 VISHAY-IRFD9120 Datasheet
1,020Kb / 9P
Power MOSFET
30-Aug-2021
logo
SYC Electronica
IRFD9120 SYC-IRFD9120 Datasheet
128Kb / 6P
1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
logo
Vishay Siliconix
IRFD9120PBF VISHAY-IRFD9120PBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results

Similar Description - IRFD9120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
IRF9140 INTERSIL-IRF9140 Datasheet
59Kb / 7P
-19A, -100V, 0.200 Ohm, P-Channel Power MOSFET
February 1999
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
February 1999
IRF9510 INTERSIL-IRF9510 Datasheet
59Kb / 7P
3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET
July 1999
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
July 1999
IRFD9110 INTERSIL-IRFD9110 Datasheet
54Kb / 6P
0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
July 1999
IRFF9120 INTERSIL-IRFF9120 Datasheet
59Kb / 7P
4A, 100V, 0.60 Ohm, P-Channel Power MOSFET
June 1999
IRFP9140 INTERSIL-IRFP9140 Datasheet
59Kb / 7P
19A, 100V, 0.200 Ohm, P-Channel Power MOSFET
July 1999
RFP8P10 INTERSIL-RFP8P10 Datasheet
40Kb / 5P
8A, 100V, 0.400 Ohm, P-Channel Power MOSFET
July 1999
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com