Electronic Components Datasheet Search
  English  ▼

X  

IRFF210 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFF210
Description  2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF210 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFF210 Datasheet HTML 1Page - Intersil Corporation IRFF210 Datasheet HTML 2Page - Intersil Corporation IRFF210 Datasheet HTML 3Page - Intersil Corporation IRFF210 Datasheet HTML 4Page - Intersil Corporation IRFF210 Datasheet HTML 5Page - Intersil Corporation IRFF210 Datasheet HTML 6Page - Intersil Corporation IRFF210 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse P-N
Junction Rectifier
-
-
2.2
A
Pulse Source to Drain Current (Note 3)
ISDM
-
-
9.0
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 2.2A, VGS = 0V (Figure 13)
-
-
2.0
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = 2.2A, dISD/dt = 100A/µs
-
290
-
ns
Reverse Recovered Charge
QRR
TJ = 150
oC, I
SD = 2.2A, dISD/dt = 100A/µs
-
2.0
-
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 20V, start TJ = 25
oC, L = 11.16mH, R
G = 50Ω, peak IAS, 2.2A (Figures 14, 15).
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
D
G
S
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
25
150
2.5
2.0
1.5
0
1.0
0.5
125
2
1.0
0.1
0.01
10-2
10-5
10-4
10-3
0.1
1
10
SINGLE PULSE
t1, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
TJ = PDM x ZθJC(t) x RθJC + TC
PDM
t1
t2
0.01
0.5
0.2
0.1
0.05
0.02
IRFF210



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com