Electronic Components Datasheet Search
  English  ▼

X  

IRFP244 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFP244
Description  15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP244 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFP244 Datasheet HTML 1Page - Intersil Corporation IRFP244 Datasheet HTML 2Page - Intersil Corporation IRFP244 Datasheet HTML 3Page - Intersil Corporation IRFP244 Datasheet HTML 4Page - Intersil Corporation IRFP244 Datasheet HTML 5Page - Intersil Corporation IRFP244 Datasheet HTML 6Page - Intersil Corporation IRFP244 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-1
Semiconductor
Features
• 15A and 14A, 275V and 250V
•rDS(ON) = 0.28Ω and 0.34Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• 275V, 250VDC Rated, 120VAC Line System Operation
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Description
These are N-Channel enhancement mode silicon gate
power field effect transistors. They are advanced power
MOSFETs designed, tested, and guaranteed to withstand a
specified level of energy in the breakdown avalanche mode
of operation. All of these power MOSFETs are designed for
applications such as switching regulators, switching conver-
tors, motor drivers, relay drivers, and drivers for high power
bipolar switching transistors requiring high speed and low
gate drive power. These types can be operated directly from
integrated circuits.
Formerly developmental type TA17423.
Symbol
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFP244
TO-247
IRFP244
IRFP245
TO-247
IRFP245
IRFP246
TO-247
IRFP246
IRFP247
TO-247
IRFP247
NOTE: When ordering, include the entire part number.
D
G
S
SOURCE
DRAIN
DRAIN
(FLANGE)
GATE
July 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
2211.2
IRFP244, IRFP245,
IRFP246, IRFP247
15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm,
N-Channel Power MOSFETs


Similar Part No. - IRFP244

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP244 IRF-IRFP244 Datasheet
167Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A)
logo
Vishay Siliconix
IRFP244 VISHAY-IRFP244 Datasheet
856Kb / 8P
Power MOSFET
24-Jun-08
logo
Inchange Semiconductor ...
IRFP244 ISC-IRFP244 Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP244 VISHAY-IRFP244 Datasheet
940Kb / 11P
Power MOSFET
21-Mar-11
IRFP244 VISHAY-IRFP244 Datasheet
267Kb / 10P
Power MOSFET
24-Jan-2021
More results

Similar Description - IRFP244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
January 1998
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
June 1999
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
N-Channel MOSFET 250V, 14A, 0.28(ohm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com