Electronic Components Datasheet Search
  English  ▼

X  

IRFP360 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFP360
Description  23A, 400V, 0.200 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP360 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFP360 Datasheet HTML 1Page - Intersil Corporation IRFP360 Datasheet HTML 2Page - Intersil Corporation IRFP360 Datasheet HTML 3Page - Intersil Corporation IRFP360 Datasheet HTML 4Page - Intersil Corporation IRFP360 Datasheet HTML 5Page - Intersil Corporation IRFP360 Datasheet HTML 6Page - Intersil Corporation IRFP360 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-341
File Number
2290.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRFP360
23A, 400V, 0.200 Ohm, N-Channel Power
MOSFET
This advanced power MOSFET is designed, tested, and
guaranteed to withstand a specified level of energy in the
breakdown avalanche mode of operation. These are
N-Channel enhancement mode silicon gate power field
effect transistors designed for applications such as switching
regulators, switching converters, motor drivers, relay drivers
and drivers for high power bipolar switching transistors
requiring high speed and low gate drive power. They can be
operated directly from integrated circuits.
Formerly developmental type TA17464.
Features
• 23A, 400V
•rDS(ON) = 0.200Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFP360
TO-247
IRFP360
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
Data Sheet
July 1999


Similar Part No. - IRFP360

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
logo
Vishay Siliconix
IRFP360 VISHAY-IRFP360 Datasheet
962Kb / 8P
Power MOSFET
30-Jun-08
logo
IXYS Corporation
IRFP360 IXYS-IRFP360 Datasheet
50Kb / 2P
MegaMOS FET
logo
New Jersey Semi-Conduct...
IRFP360 NJSEMI-IRFP360 Datasheet
640Kb / 2P
Avalanche-Energy-Rated N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRFP360 ISC-IRFP360 Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRFP360

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
JANSR2N7294 INTERSIL-JANSR2N7294 Datasheet
48Kb / 7P
23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDA24N40F FAIRCHILD-FDA24N40F Datasheet
682Kb / 8P
N-Channel MOSFET, FRFET 400V, 23A, 0.19廓
logo
Unisonic Technologies
20N40 UTC-20N40 Datasheet
201Kb / 6P
400V, 23A N-CHANNEL POWER MOSFET
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
23A, 250V N-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P23F40HP2FM SHINDENGEN-P23F40HP2FM Datasheet
1Mb / 8P
Power MOSFETs 400V, 23A, N-channel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com