Electronic Components Datasheet Search
  English  ▼

X  

IRFPG40 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFPG40
Description  4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFPG40 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFPG40 Datasheet HTML 1Page - Intersil Corporation IRFPG40 Datasheet HTML 2Page - Intersil Corporation IRFPG40 Datasheet HTML 3Page - Intersil Corporation IRFPG40 Datasheet HTML 4Page - Intersil Corporation IRFPG40 Datasheet HTML 5Page - Intersil Corporation IRFPG40 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-365
File Number
2879.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRFPG40
4.3A, 1000V, 3.500 Ohm, N-Channel
Power MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching convertors, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA09850.
Features
• 4.3A, 1000V
•rDS(ON) = 3.500Ω
• UIS SOA Rating Curve (Single Pulse)
• -55oC to 150oC Operating and Storage Temperature
Symbol
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFPG40
TO-247
IRFPG40
NOTE: When ordering, include the entire part number.
G
D
S
SOURCE
DRAIN
GATE
DRAIN
(TAB)
Data Sheet
July 1999


Similar Part No. - IRFPG40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
logo
Vishay Siliconix
IRFPG40 VISHAY-IRFPG40 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
IRFPG40 VISHAY-IRFPG40 Datasheet
910Kb / 11P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
logo
Vishay Siliconix
IRFPG40PBF VISHAY-IRFPG40PBF Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
More results

Similar Description - IRFPG40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5NB100 STMICROELECTRONICS-STW5NB100 Datasheet
54Kb / 5P
N - CHANNEL 1000V - 4ohm - 4.3A - TO-247 PowerMESH MOSFET
Jun-1998
STY15NA100 STMICROELECTRONICS-STY15NA100 Datasheet
44Kb / 4P
N - CHANNEL 1000V - 0.65 ohm - 15A - Max247 MOSFET
Apr-1998
logo
Intersil Corporation
RFP2N20 INTERSIL-RFP2N20 Datasheet
40Kb / 5P
2A, 200V, 3.500 Ohm, N-Channel Power MOSFET
July 1999
RFP2N20L INTERSIL-RFP2N20L Datasheet
35Kb / 5P
2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
RFP4N100 INTERSIL-RFP4N100 Datasheet
45Kb / 6P
4.3A, 1000V, 3.500 Ohm, High Voltage, N-Channel Power MOSFETs
August 1999
logo
International Rectifier
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
logo
Unisonic Technologies
9N100 UTC-9N100 Datasheet
184Kb / 5P
9A, 1000V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
RFP4N100 NJSEMI-RFP4N100 Datasheet
101Kb / 2P
4.3A, 1000V, 3.500 Ohm, High Voltage, N-Channel Power MOSFETs
logo
DONGGUAN YOU FENG WEI E...
YFW2300A YFWDIODE-YFW2300A Datasheet
906Kb / 5P
4.3A, 20V N-CHANNEL MOSFET
YFW2302C YFWDIODE-YFW2302C Datasheet
1,017Kb / 6P
4.3A, 20V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com