Electronic Components Datasheet Search
  English  ▼

X  

IRFPG40 Datasheet(PDF) 2 Page - Intersil Corporation

Part # IRFPG40
Description  4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFPG40 Datasheet(HTML) 2 Page - Intersil Corporation

  IRFPG40 Datasheet HTML 1Page - Intersil Corporation IRFPG40 Datasheet HTML 2Page - Intersil Corporation IRFPG40 Datasheet HTML 3Page - Intersil Corporation IRFPG40 Datasheet HTML 4Page - Intersil Corporation IRFPG40 Datasheet HTML 5Page - Intersil Corporation IRFPG40 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-366
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRFPG40
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDSS
1000
V
Drain to Gate Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
1000
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
4.3
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
17
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD
150
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.2
W/ oC
Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
490
mJ
Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 9)
1000
-
V
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250µA
2.0
4.0
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V, TJ = 150
oC
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 2.5A, VGS = 10V (Figures 7, 8)
-
3.5
Ω
Forward Transconductance (Note 2)
gfs
ID = 2.5A, VDS = 100V (Figure 11)
3.5
-
S
Turn-On Delay Time
td(ON)
VDD = 500V, I = 3.9A, RGS = 9.1Ω, RL = 120Ω
VGS = 10V
-30
ns
Rise Time
tr
-50
ns
Turn-Off Delay Time
td(OFF)
-
170
ns
Fall Time
tf
-50
ns
Total Gate Charge
Qg(TOT)
ID = 3.9A, VDS = 800V, VGS = 10V (Figure 13)
-
120
nC
Thermal Resistance Junction to Case
RθJC
-
0.83
oC/W
Thermal Resistance Junction to Ambient
RθJA
Free Air Operation
-
40
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 4.3A (Figure 12)
-
1.8
V
Reverse Recovery Time
trr
ISD = 3.9A, dlSD/dt = 100A/µs
-
1000
ns
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature.
4. VDD = 25V, starting TJ = 25
oC, L = 640µH, RG = 25Ω, peak IAS = 9.2A (Figure 3).
IRFPG40



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com