Electronic Components Datasheet Search
  English  ▼

X  

EN29GL064ATB Datasheet(PDF) 2 Page - Eon Silicon Solution Inc.

Part # EN29GL064ATB
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064ATB Datasheet(HTML) 2 Page - Eon Silicon Solution Inc.

  EN29GL064ATB Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
2
EN29GL064AT/B
Rev. C, Issue Date: 2011/12/01
CONNECTION DIAGRAMS
Figure 1. 48-pin Standard TSOP (Top View)
Figure 2. 48-Ball TFBGA (Top View, Balls Facing Down)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE#
RESET#
A21
WP#/ACC
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE#
Vss
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
Vcc
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
Vss
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Standard
TSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com