Electronic Components Datasheet Search
  English  ▼

X  

EN29GL064ATB Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN29GL064ATB
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064ATB Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN29GL064ATB Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29GL064ATB Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
7
EN29GL064AT/B
Rev. C, Issue Date: 2011/12/01
SA39
0100111xxx
64/32
270000–27FFFF
138000–13FFFF
SA40
0101000xxx
64/32
280000–28FFFF
140000–147FFF
SA41
0101001xxx
64/32
290000–29FFFF
148000–14FFFF
SA42
0101010xxx
64/32
2A0000–2AFFFF
150000–157FFF
PPB 10
SA43
0101011xxx
64/32
2B0000–2BFFFF
158000–15FFFF
SA44
0101100xxx
64/32
2C0000–2CFFFF
160000–167FFF
SA45
0101101xxx
64/32
2D0000–2DFFFF
168000–16FFFF
SA46
0101110xxx
64/32
2E0000–2EFFFF
170000–177FFF
PPB 11
SA47
0101111xxx
64/32
2F0000–2FFFFF
178000–17FFFF
SA48
0110000xxx
64/32
300000–30FFFF
180000–187FFF
SA49
0110001xxx
64/32
310000–31FFFF
188000–18FFFF
SA50
0110010xxx
64/32
320000–32FFFF
190000–197FFF
PPB 12
SA51
0110011xxx
64/32
330000–33FFFF
198000–19FFFF
SA52
0110100xxx
64/32
340000–34FFFF
1A0000–1A7FFF
SA53
0110101xxx
64/32
350000–35FFFF
1A8000–1AFFFF
SA54
0110110xxx
64/32
360000–36FFFF
1B0000–1B7FFF
PPB 13
SA55
0110111xxx
64/32
370000–37FFFF
1B8000–1BFFFF
SA56
0111000xxx
64/32
380000–38FFFF
1C0000–1C7FFF
SA57
0111001xxx
64/32
390000–39FFFF
1C8000–1CFFFF
SA58
0111010xxx
64/32
3A0000–3AFFFF
1D0000–1D7FFF
PPB 14
SA59
0111011xxx
64/32
3B0000–3BFFFF
1D8000–1DFFFF
SA60
0111100xxx
64/32
3C0000–3CFFFF
1E0000–1E7FFF
SA61
0111101xxx
64/32
3D0000–3DFFFF
1E8000–1EFFFF
SA62
0111110xxx
64/32
3E0000–3EFFFF
1F0000–1F7FFF
PPB 15
SA63
0111111xxx
64/32
3F0000–3FFFFF
1F8000–1FFFFF
SA64
1000000xxx
64/32
400000–40FFFF
200000–207FFF
SA65
1000001xxx
64/32
410000–41FFFF
208000–20FFFF
SA66
1000010xxx
64/32
420000–42FFFF
210000–217FFF
PPB 16
SA67
1000011xxx
64/32
430000–43FFFF
218000–21FFFF
SA68
1000100xxx
64/32
440000–44FFFF
220000–227FFF
SA69
1000101xxx
64/32
450000–45FFFF
228000–22FFFF
SA70
1000110xxx
64/32
460000–46FFFF
230000–237FFF
PPB 17
SA71
1000111xxx
64/32
470000–47FFFF
238000–23FFFF
SA72
1001000xxx
64/32
480000–48FFFF
240000–247FFF
SA73
1001001xxx
64/32
490000–49FFFF
248000–24FFFF
SA74
1001010xxx
64/32
4A0000–4AFFFF
250000–257FFF
PPB 18
SA75
1001011xxx
64/32
4B0000–4BFFFF
258000–25FFFF
SA76
1001100xxx
64/32
4C0000–4CFFFF
260000–267FFF
SA77
1001101xxx
64/32
4D0000–4DFFFF
268000–26FFFF
SA78
1001110xxx
64/32
4E0000–4EFFFF
270000–277FFF
PPB 19
SA79
1001111xxx
64/32
4F0000–4FFFFF
278000–27FFFF
SA80
1010000xxx
64/32
500000–50FFFF
280000–287FFF
PPB 20
SA81
1010001xxx
64/32
510000–51FFFF
288000–28FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com