Electronic Components Datasheet Search
  English  ▼

X  

ISL5586FCM Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL5586FCM
Description  Low Power Ringing SLIC for Home Gateways
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5586FCM Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL5586FCM Datasheet HTML 12Page - Intersil Corporation ISL5586FCM Datasheet HTML 13Page - Intersil Corporation ISL5586FCM Datasheet HTML 14Page - Intersil Corporation ISL5586FCM Datasheet HTML 15Page - Intersil Corporation ISL5586FCM Datasheet HTML 16Page - Intersil Corporation ISL5586FCM Datasheet HTML 17Page - Intersil Corporation ISL5586FCM Datasheet HTML 18Page - Intersil Corporation ISL5586FCM Datasheet HTML 19Page - Intersil Corporation ISL5586FCM Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
4-16
Equations 48 and 60 can be combined to re-write the 4-wire
to 4-wire gain equation.
Simplifying the above yields the 4-wire to 4-wire gain.
V
TX4W
V
RX4 W
--------------------
2.8
Z
L
Z
O +2RP +ZL
------------------------------------------


 Z
0
Z
L
------
×
–
=
(EQ. 61)
V
TX4W
V
RX4 W
--------------------
2.8
Z
0
Z
O +2RP +ZL
------------------------------------------



–
=
(EQ. 62)
FIGURE 13. SCHEMATIC FOR 2-WIRE TO 4-WIRE GAIN DERIVATION
+
-
-IN
VFB
VRX
VZO
200K
200K
+
-
+
-
1:1
20
20
3R
4R
4R
4R
4R
3R
8K
RS
CFB
TA
VSA
+
-
VRXP
VRXM
VTXP
VTXM
R
R
R
R
+
-
RP1
RP2
V
TR
ZL
VIN
IL
VTX4W
+
-
200K
200K
1.4R
1.4R
TIP
RING
+
-
FIGURE 14. SCHEMATIC FOR 4-WIRE TO 4-WIRE GAIN DERIVATION
T
R
+
-
-IN
VFB
VRX
VZO
+
-
+
-
1:1
20
20
3R
4R
4R
4R
4R
3R
8K
RS
CFB
TA
VSA
+
-
+
-
VRXP
VRXM
VTXP
VTXM
R
R
R
R
RP1
RP2
ZL
IL
VTX4W
-
+
V2W
+
-
+
-
VRX4W
200K
200K
200K
200K
1.4R
1.4R
ISL5586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com