Electronic Components Datasheet Search
  English  ▼

X  

ISL5586FCM Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL5586FCM
Description  Low Power Ringing SLIC for Home Gateways
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5586FCM Datasheet(HTML) 2 Page - Intersil Corporation

  ISL5586FCM Datasheet HTML 1Page - Intersil Corporation ISL5586FCM Datasheet HTML 2Page - Intersil Corporation ISL5586FCM Datasheet HTML 3Page - Intersil Corporation ISL5586FCM Datasheet HTML 4Page - Intersil Corporation ISL5586FCM Datasheet HTML 5Page - Intersil Corporation ISL5586FCM Datasheet HTML 6Page - Intersil Corporation ISL5586FCM Datasheet HTML 7Page - Intersil Corporation ISL5586FCM Datasheet HTML 8Page - Intersil Corporation ISL5586FCM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
4-2
Pinout
ISL5586 (PLCC)
TOP VIEW
Ordering Information
PART NUMBER
HIGH BATTERY (VBH)
LONGITUDINAL
BALANCE
TEMP.
RANGE oC
PACKAGE
PACKAGE NO.
100V
85V
75V
58dB
53dB
ISL5586FCM
••
0to75
28LdPLCC
N28.45
ISL5586BIM
••
-40to85
28LdPLCC
N28.45
ISL5586CIM
••
-40to85
28LdPLCC
N28.45
ISL5586DIM
••
-40to85
28LdPLCC
N28.45
Device Operating Modes
MODE
F2
F1
F0
DET
DESCRIPTION
Low Power Standby (LPS)
0
0
0
SHD
MTU compliant on hook operating mode.
Forward Active (FA)
0
0
1
SHD
MTU compliant and OHT capable on hook mode, off hook loop feed mode.
Unused
0
1
0
n/a
Reserved for internal purposes.
Reverse Active (RA)
0
1
1
SHD
Signalling mode which reverses direction of loop current, otherwise like Forward Active.
Ringing
1
0
0
RTD
Signalling mode used to generate high voltage balanced ringing signal.
Forward Loop Back (FLB)
1
0
1
SHD
Internal loop back mode which connects internal load across Tip and Ring terminals.
Tip Open/Ground Start (TO)
1
1
0
SHD
Signalling mode sets Tip to high impedance state, Ring output still active.
Power Denial (PD)
1
1
1
n/a
Loop disconnect mode which forces both Tip and Ring to high impedance.
RTD
CDCM
-IN
VCC
TL
CDCP
VFB
F2
VRSM
BSEL
F1
F0
DET
VRSP
5
6
7
8
9
10
11
12
13
14
15
16
17
18
1
2
3
4
19
20
21
22
23
24
25
26
27
28
ISL5586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com