Electronic Components Datasheet Search
  English  ▼

X  

ASL226 Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ASL226
Description  700-6000MHz MMIC LNA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL226 Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

Back Button ASL226_14 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
April 2014
ASL226
700-6000MHz MMIC LNA
1400
1450
1500
1550
1600
1650
1700
1750
1800
0
2
4
6
8
10
Frequency (MHz)
-50
oc
25
oc
100
oc
P1dB vs. Temperature
Current vs. Temperature
Output IP3 vs. Tone Power (Frequency = 1575 MHz)
Gain vs. Temperature
-80
-60
-40
-20
0
20
40
60
80
100
120
0
2
4
6
8
10
12
14
16
Temperature (
oC)
-80
-60
-40
-20
0
20
40
60
80
100
120
16
20
24
28
32
36
40
Temperature (
oC)
Frequency = 1575 MHz
-80
-60
-40
-20
0
20
40
60
80
100
120
4
6
8
10
12
14
16
Temperature (
oC)
Frequency = 1575 MHz
-16 -15 -14 -13 -12 -11 -10 -9 -8 -7 -6 -5 -4 -3 -2 -1
0
1
0
5
10
15
20
25
30
P
out per Tone (dBm)
-50
oc
25
oc
100
oc
S11
S22
freq (1.275GHz to 1.875GHz)
indep(Source_stabcir[m1,::]) (0.000 to 51.000)
indep(Load_stabcir[m1,::]) (0.000 to 51.000)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com