Electronic Components Datasheet Search
  English  ▼

X  

ASL226 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASL226
Description  700-6000MHz MMIC LNA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL226 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASL226_14 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL226_14 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10/20
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
April 2014
ASL226
700-6000MHz MMIC LNA
C3=1 pF
RF OUT
ASL226
RF IN
L1=4.7 nH
L2=6.8 nH
VDD
C2=1
F
C1=100 pF
SAW
1) OIP3 is measured with two tones at an output power of -10 dBm/tone separated by 1MHz.
Top
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
Gp
F = 1.575 GHz
26.5
dB
Noise Figure
NF
F = 1.575 GHz
1.1
dB
Input Return Loss
RLin
F = 1.575 GHz
-18
dB
Output Return Loss
RLout
F = 1.575 GHz
-18
dB
Reverse Isolation
ISO
F = 1.575 GHz
-40
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 1.575 GHz
11
dBm
3rd Intercept Point
Output Power 1)
OIP3
F = 1.575 GHz
14.5
dBm
Current
Id
F = 1.575 GHz,
Non-RF
8.5
mA
Schematic
S-parameters & Noise Figure & K-factor
APPLICATION CIRCUIT
( With SAW Filter )
GPS/GLONASS/Galileo/Compass
1559 MHz ~ 1610 MHz
+3 V
Board Layout (FR4, 15x11.5 mm2, 0.8T)
1400
1450
1500
1550
1600
1650
1700
1750
1800
-80
-60
-40
-20
0
20
40
60
S12
S22
S11
S21
Frequency [MHz]
1400
1450
1500
1550
1600
1650
1700
1750
1800
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Frequency (MHz)
S11
S22
freq (1.275GHz to 1.875GHz)
Bottom
indep(Source_stabcir[m1,::]) (0.000 to 51.000)
indep(Load_stabcir[m1,::]) (0.000 to 51.000)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
* Note: Gain and current can be reduced by controlling VDD to 2 V.
C2 must be placed as close as possible to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com