Electronic Components Datasheet Search
  English  ▼

X  

AWB519 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # AWB519
Description  5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB519 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button AWB519 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12/17
ASB Inc.
 sales@asb.co.kr
April 2014
AWB519
0
50
100
150
200
250
300
Frequency (MHz)
17
18
19
20
21
22
23
-40 °C
+25 °C
+85 °C
0
50
100
150
200
250
300
Frequency (MHz)
-50
-40
-30
-20
-10
0
-40 °C
+25 °C
+85 °C
0
50
100
150
200
250
300
Frequency (MHz)
-40
-30
-20
-10
0
-40 °C
+25 °C
+85 °C
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
0
5
10
15
20
25
30
Frequency = 50 MHz
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
120
125
130
135
140
145
150
0
50
100
150
200
250
300
Frequency (MHz)
0
1
2
3
4
5
NF
5.4
Plots of Noise Figure and Performances with Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com