Electronic Components Datasheet Search
  English  ▼

X  

AWB519 Datasheet(PDF) 14 Page - Advanced Semiconductor Business Inc.

Part # AWB519
Description  5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB519 Datasheet(HTML) 14 Page - Advanced Semiconductor Business Inc.

Back Button AWB519 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 17Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14/17
ASB Inc.
 sales@asb.co.kr
April 2014
AWB519
6. Application: 50 ~ 1000 MHz (CATV Min VSWR, Vsupply = +8 V)
6.1
Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWB519
-
-
MMIC Amplifier
ASB
C1, C2
1
F
0603
DC blocking capacitor
Murata
C3
1 pF
0603
Matching capacitor
Murata
C4
33 pF
0603
Matching capacitor
Murata
C5
10
F
0805
Decoupling capacitor
Murata
L1
1
H
1206
RF choke inductor
Murata
L2
8.2 nH
0603
Matching inductor
Samsung
L3
6.8 nH
0603
Matching inductor
Samsung
R1
3.9
0603
Matching resistor
Samsung
R2
16
0603
Matching resistor
Samsung
R1
C4
RF IN
RF OUT
Vdevice = +8 V
R2
C1
C3
C2
C5
L2
L3
L1
AWB519
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-89-B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com