Electronic Components Datasheet Search
  English  ▼

X  

AWB512 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # AWB512
Description  5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB512 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  AWB512 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
ASB Inc.
 sales@asb.co.kr
April 2014
AWB519
3.2
Performance Table
Supply voltage = +8 V, TA = +25
C, ZO = 75 
Parameter
Forward
Unit
Frequency
50
500
860
1000
MHz
Noise Figure
2.5
2.6
2.6
2.5
dB
Gain
21.0
20.4
19.7
18.9
dB
S11
-17.0
-16.0
-19.0
-18.0
dB
S22
-17.5
-20.0
-17.0
-16.0
dB
CSO1)
61
dBc
CTB1)
73
dBc
Current
135
mA
Device Voltage
+8
V
1) Pout = 99 dB
V for CENELEC-42.
3.3
Plot of S-parameter & Stability Factor
0
200
400
600
800
1000
1200
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com