Electronic Components Datasheet Search
  English  ▼

X  

AWB512 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # AWB512
Description  5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB512 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button AWB512 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/17
ASB Inc.
 sales@asb.co.kr
April 2014
AWB519
5. Application: 5 ~ 300 MHz (CATV reverse, Vsupply = +8 V)
5.1
Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWB519
-
-
MMIC Amplifier
ASB
C1, C2
1
F
0603
DC blocking capacitor
Murata
C3
10
F
0805
Decoupling capacitor
Murata
L1
22
H
1206
RF choke inductor
Murata
L2
6.8
H
0603
Matching inductor
Samsung
R1
300
0603
Matching resistor
Samsung
L1
R1
C1
L2
RF OUT
Vdevice = +8 V
AWB519
RF IN
C2
C3
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-89-B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com